Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4637
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 16Page - Analog Devices LTM4637 Datasheet HTML 17Page - Analog Devices LTM4637 Datasheet HTML 18Page - Analog Devices LTM4637 Datasheet HTML 19Page - Analog Devices LTM4637 Datasheet HTML 20Page - Analog Devices LTM4637 Datasheet HTML 21Page - Analog Devices LTM4637 Datasheet HTML 22Page - Analog Devices LTM4637 Datasheet HTML 23Page - Analog Devices LTM4637 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTM4638
20
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
4. θJB, the thermal resistance from junction to the printed
circuitboard,isthejunction-to-boardthermalresistance
where almost all of the heat flows through the bottom
of the µModule package and into the board, and is really
the sum of the θJCbottom and the thermal resistance of
the bottom of the part through the solder joints and
through a portion of the board. The board temperature
is measured a specified distance from the package.
A graphical representation of the aforementioned thermal
resistances is given in Figure 10; blue resistances are
contained within the μModule regulator, whereas green
resistances are external to the µModule package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a μModule regulator. For example,
in normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4638 be aware there are multiple power
devices and components dissipating power, with a con-
sequence that the thermal resistances relative to different
junctions of components or die are not exactly linear with
respect to total package power loss. To reconcile this
complicationwithoutsacrificingmodelingsimplicity—but
also,notignoringpracticalrealities—anapproachhasbeen
taken using FEA software modeling along with laboratory
testing in a controlled environment chamber to reason-
ably define and correlate the thermal resistance values
supplied in this data sheet: (1) Initially, FEA software is
used to accurately build the mechanical geometry of the
LTM4638 and the specified PCB with all of the correct
materialcoefficientsalongwithaccuratepowerlosssource
definitions; (2) this model simulates a software-defined
JEDECenvironmentconsistentwithJSED51-12topredict
power loss heat flow and temperature readings at different
interfaces that enable the calculation of the JEDEC-defined
thermal resistance values; (3) the model and FEA software
isusedtoevaluatetheLTM4638withheatsinkandairflow;
(4)havingsolvedforandanalyzedthesethermalresistance
values and simulated various operating conditions in the
softwaremodel,athoroughlaboratoryevaluationreplicates
the simulated conditions with thermocouples within a
controlledenvironmentchamberwhileoperatingthedevice
at the same power loss as that which was simulated. An
outcome of this process and due diligence yields the set
of derating curves shown in this data sheet. After these
laboratory tests have been performed and correlated to
the LTM4638 model, then the θJB and θBA are summed
together to provide a value that should closely equal the
θJA value because approximately 100% of power loss
flows from the junction through the board into ambient
with no airflow or top mounted heat sink.
The 1.0V, 1.5V, 3.3V and 5V power loss curves in Figure
11 to Figure 14 can be used in coordination with the
load current derating curves in Figure 15 to Figure 21
for calculating an approximate θJA thermal resistance
for the LTM4638 with various airflow conditions. The
power loss curves are taken at room temperature, and
are increased with a multiplicative factor according to the
ambient temperature. This approximate factor is: 1.2 for
120°C at junction temperature. Maximum load current is
achievable while increasing ambient temperature as long
as the junction temperature is less than 120°C, which is
a 5°C guard band from maximum junction temperature
of 125°C. When the ambient temperature reaches a point
where the junction temperature is 120°C, then the load
current is lowered to maintain the junction at 120°C while
increasing ambient temperature up to 120°C. The derat-
ing curves are plotted with the output current starting at
15A and the ambient temperature at 30°C. The output
voltages are 1.0V, 1.5V, 3.3V and 5V. These are chosen
to include the lower and higher output voltage ranges
for correlating the thermal resistance. Thermal models
are derived from several temperature measurements in
a controlled temperature chamber along with thermal
modeling analysis. The junction temperatures are moni-
tored while ambient temperature is increased with and
without airflow. The power loss increase with ambient
temperature change is factored into the derating curves.
The junctions are maintained at 120°C maximum while



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com