Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4637
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 8Page - Analog Devices LTM4637 Datasheet HTML 9Page - Analog Devices LTM4637 Datasheet HTML 10Page - Analog Devices LTM4637 Datasheet HTML 11Page - Analog Devices LTM4637 Datasheet HTML 12Page - Analog Devices LTM4637 Datasheet HTML 13Page - Analog Devices LTM4637 Datasheet HTML 14Page - Analog Devices LTM4637 Datasheet HTML 15Page - Analog Devices LTM4637 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTM4638
12
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
cold or hot temperature or high output voltage case, ad-
ditional ceramic capacitor or tantalum-polymer capacitor
is required due to variation of actual capacitance over bias
voltage and temperature. Table 7 shows a matrix of dif-
ferent output voltages and output capacitors to minimize
the voltage droop and overshoot during a 4A load-step
transient. Additional output filtering may be required by
the system designer if further reduction of output ripple or
dynamictransientspikesisrequired.TheLinearTechnology
LTpowerCAD™ design tool is available to download online
for output ripple, stability and transient response analysis
for further optimization.
Discontinuous Current Mode (DCM)
In applications where low output ripple and high efficiency
at intermediate current are desired, discontinuous current
mode (DCM) should be used by connecting the MODE/
CLKIN pin to GND. At light loads the internal current com-
paratormayremaintrippedforseveralcyclesandforcethe
top MOSFET to stay off for several cycles, thus skipping
cycles. The inductor current does not reverse in this mode.
Forced Continuous Current Mode (CCM)
In applications where fixed frequency operation is more
critical than low current efficiency, and where the lowest
outputrippleisdesired,forcedcontinuousoperationshould
be used. Forced continuous operation can be enabled by
tying the MODE/CLKIN pin to INTVCC. In this mode, induc-
tor current is allowed to reverse during low output loads,
the COMP voltage is in control of the current comparator
thresholdthroughout,andthetopMOSFETalwaysturnson
witheachoscillatorpulse.Duringstart-up,forcedcontinuous
mode is disabled and inductor current is prevented from
reversinguntiltheLTM4638’soutputvoltageisinregulation.
Operating Frequency
The operating frequency of the LTM4638 is optimized
to achieve the compact package size and the minimum
out-put ripple voltage while still keeping high efficiency.
The default operating frequency is 600kHz. In most ap-
plications,noadditionalfrequencyadjustmentisrequired.
If an operating frequency other than 600kHz is required by
the application, the operating frequency can be increased
by adding a resistor, RFSET, between the FREQ pin and
SGND, as shown in Figure 24. The operating frequency
can be calculated as:
f Hz
( )=
1.67e11
274k ||RFSET Ω
( )
The programmable operating frequency range is from
400kHz to 3MHz.
Frequency Synchronization and Clock In
The power module has a phase-locked loop comprised
of an internal voltage controlled oscillator and a phase
detector.ThisallowstheinternaltopMOSFETturn-ontobe
locked to the rising edge of the external clock. The external
clock frequency range must be within ±30% around the
resistor set operating frequency. A pulse detection circuit
is used to detect a clock on the CLKIN pin to turn on the
phase-locked loop. The pulse width of the clock has to
be at least 100ns. The clock high level must be above 1V
and clock low level below 0.3V. During the start-up of
the regulator, the phase-locked loop function is disabled.
Multiphase Operation
For output loads that demand more than 15A of current,
multiple LTM4638s can be paralleled to run out of phase
to provide more output current without increasing input
and output voltage ripples.
The CLKOUT signal can be connected to the MODE/CLKIN
pin of the following LTM4638 stage to line up both the
frequency and the phase of the entire system. Tying the
PHMODE pin to INTVCC, GND or FLOAT generates a phase
difference (between CLKIN and CLKOUT) of 180°, 120°, or
90° respectively, which corresponds to 2-phase, 3-phase
or 4-phase operation. A total of 6 phases can be cascaded
to run simultaneously out of phase with respect to each
other by programming the PHMODE pin of each LTM4638
to different levels. Figure 3 shows a 4-phase design and
a 6-phase design example for clock phasing.
Table 2. PHMODE Pin Status and Corresponding Phase
Relationship (Relative to CLKIN)
PHMODE
INTVCC
GND
FLOAT
CLKOUT
180°
120°
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com