Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8640
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8609S
6
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Frequency vs Load Current
Minimum Load to Full Frequency
(SYNC Float to 1.9V)
Frequency Foldback
Soft-Start Tracking
Soft-Start Current vs Temperature
VIN UVLO
LOAD CURRENT (mA)
0
2500
1000
1500
500
2000
0
600
200
400
L = 2.2µH
VOUT = 3.3V
VIN = 12V
SYNC = 0V
8609S G18
SS VOLTAGE (V)
0 0.1 0.2 0.4 0.5 0.6 0.7 0.8 1.0 1.1 1.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
8609S G21
INPUT VOLTAGE (V)
8609S G19
0
100
40
60
20
80
90
30
50
10
70
0
30
50
20
40
10
VOUT = 5V
fSW = 700kHz
SYNC = FLOAT
FB VOLTAGE (V)
0
2500
1000
1500
500
2000
0
1
0.4
0.8
0.2
0.6
8609S G20
VIN = 12V
VOUT = 3.3V
SYNC = 0V
RT = 18.2k
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
8609S G22
VSS = 0.1V
TEMPERATURE (°C)
–55
3.5
1
2
1.5
2.5
0.5
3
0
155
5
125
–25
65
35
95
8609S G23
Switching Waveforms
Switching Waveforms
Switching Waveforms
2µs/DIV
8609S G25
IL
200mA/DIV
VSW
5V/DIV
12VIN TO 5VOUT AT 25mA
SYNC = 0 (Burst Mode OPERATION)
200ns/DIV
8609S G26
36VIN TO 5VOUT AT 1A
IL
500mA/DIV
VSW
10V/DIV
200ns/DIV
IL
500mA/DIV
VSW
5V/DIV
8609S G24
12VIN TO 5VOUT AT 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com