Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8640
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT8609S
9
Rev. D
For more information www.analog.com
PIN FUNCTIONS
RT (Pin 1): A resistor is tied between RT and ground to
set the switching frequency.
INTVCC (Pin 2): Internal 3.5V Regulator Bypass Pin. The
internal power drivers and control circuits are powered
from this voltage. INTVCC max output current is 20mA.
Voltage on INTVCC will vary between 2.8V and 3.5V.
Decouple this pin to power ground with at least a 1μF
low ESR ceramic capacitor. Do not load the INTVCC pin
with external circuitry.
GND (Pins 3, 4, 8, 14, 17): Exposed Pad Pin. These pads
must be connected to the negative terminal of the input
capacitor and soldered to the PCB in order to lower the
thermal resistance.
SW (Pins 5, 6): The SW pin is the output of the inter-
nal power switches. Connect this pin to the inductor and
boost capacitor. This node should be kept small on the
PCB for good performance.
N/C (Corner Pins, Pin 7): Connect these pins to the
ground plane for improved mechanical performance while
temperature cycling.
VIN (Pins 9, 10): The VIN pin supplies current to the
LT8609S internal circuitry and to the internal topside
power switch. This pin must be locally bypassed. Be
sure to place the positive terminal of the input capacitor
as close as possible to the VIN pins, and the negative
capacitor terminal as close as possible to the GND pins.
EN/UV (Pin 11): The LT8609S is shut down when this
pin is low and active when this pin is high. The hyster-
etic threshold voltage is 1.05V going up and 1.00V going
down. Tie to VIN if the shutdown feature is not used. An
external resistor divider from VIN can be used to program
a VIN threshold below which the LT8609S will shut down.
PG (Pin 12): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±8.5% of the final regulation voltage, and there are
no fault conditions. PG is valid when VIN is above 3.2V and
EN/UV is high. PG will pull low when VIN is above 3.2V and
EN/UV is low. PG will be high impedance when VIN is low.
FB (Pin 13): The LT8609S regulates the FB pin to 0.774V.
Connect the feedback resistor divider tap to this pin.
TR/SS (Pin 15): Output Tracking and Soft-Start Pin.
This pin allows user control of output voltage ramp rate
during start-up. A TR/SS voltage below 0.774V forces the
LT8609S to regulate the FB pin to equal the TR/SS pin
voltage. When TR/SS is above 0.774V, the tracking func-
tion is disabled and the internal reference resumes control
of the error amplifier. An internal 2μA pull-up current from
INTVCC on this pin allows a capacitor to program out-
put voltage slew rate. This pin is pulled to ground with a
300Ω MOSFET during shutdown and fault conditions; use
a series resistor if driving from a low impedance output.
SYNC (Pin 16): External Clock Synchronization Input.
Ground this pin for low ripple Burst Mode operation at
low output loads. Tie to a clock source for synchronization
to an external frequency. Leave floating for pulse-skipping
mode with no spread spectrum modulation. Tie to INTVCC
or tie to a voltage between 3.2V and 5.0V for pulse-skip-
ping mode with spread spectrum modulation. When in
pulse-skipping mode, the IQ will increase to several mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com