Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8640
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 3 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8609S
3
Rev. D
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Absolute Maximum Ratings are those values beyond
which the life of a device may be impaired.
Note 2: The LT8609SE is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT8609SI is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
Note 4: θ values determined per JEDEC 51-7, 51-12. See the Applications
Information Section for information on improving the thermal resistance
and for actual temperature measurements of a demo board in typical
operating conditions.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.7
3.0
3.2
V
VIN Quiescent Current
VEN/UV = 0V, VSYNC = 0V
VEN/UV = 2V, Not Switching, VSYNC = 0V, VIN ≤ 36V
l
1
1.7
5
12
µA
µA
VIN Current in Regulation
VIN = 6V, VOUT = 2.7V, Output Load = 100µA
VIN = 6V, VOUT = 2.7V, Output Load = 1mA
l
l
46
480
90
700
µA
µA
Feedback Reference Voltage
VIN = 6V, ILOAD = 100mA
VIN = 6V, ILOAD = 100mA
l
0.770
0.758
0.774
0.774
0.778
0.794
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 40V
l
0.02
0.06
%/V
Feedback Pin Input Current
VFB = 1V
l
±20
nA
Minimum On-Time
ILOAD = 1.75A, SYNC = 0V
ILOAD = 1.75A, SYNC = 1.9V
l
l
45
45
75
60
ns
ns
Minimum Off Time
90
130
ns
Oscillator Frequency
RT = 221k, ILOAD = 0.5A
RT = 60.4k, ILOAD = 0.5A
RT = 18.2k, ILOAD = 0.5A
l
l
l
155
640
1.925
200
700
2.00
245
760
2.075
kHz
kHz
MHz
Top Power NMOS On-Resistance
ILOAD = 1A
185
mΩ
Top Power NMOS Current Limit
l
3.4
4.75
5.7
A
Bottom Power NMOS On-Resistance
115
mΩ
SW Leakage Current
VIN = 42V, VSW = 40V
5
µA
EN/UV Pin Threshold
EN/UV Rising
l
0.99
1.05
1.11
V
EN/UV Pin Hysteresis
50
mV
EN/UV Pin Current
VEN/UV = 2V
l
±20
nA
PG Upper Threshold Offset from VFB
VFB Rising
l
5.0
8.5
13.0
%
PG Lower Threshold Offset from VFB
VFB Falling
l
5.0
8.5
13.0
%
PG Hysteresis
0.5
%
PG Leakage
VPG = 42V
l
±200
nA
PG Pull-Down Resistance
VPG = 0.1V
550
1200
Ω
Sync Low Input Voltage
l
0.4
0.9
V
Sync High Input Voltage
INTVCC = 3.5V
l
2.7
3.2
V
TR/SS Source Current
l
1
2
3
µA
TR/SS Pull-Down Resistance
Fault Condition, TR/SS = 0.1V
300
900
Ω
Spread Spectrum Modulation Frequency
VSYNC = 3.3V
0.5
3
6
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com