Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8640
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT8609S
7
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Transient Response
Transient Response
Case Temperature vs
3A Pulsed Load
Start-Up Dropout
Start-Up Dropout
Case Temperature vs Load Current
VIN
VOUT
RLOAD = 2.5Ω
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8609S G30
LOAD CURRENT (A)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
10
20
30
40
50
60
8609S G31
VIN = 12V
VIN = 24V
VOUT = 5V
fSW = 2MHz
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
8609S G32
VIN = 12V
VIN = 24V
STANDBY LOAD = 50mA
PULSED LOAD = 3A
VOUT = 5V
fSW = 2MHz
50µs/DIV
500mA/DIV
100mV/DIV
8609S G27
50mA TO 1A TRANSIENT
12VIN TO 5VOUT
COUT = 47µF
20µs/DIV
500mA/DIV
100mV/DIV
8609S G28
0.5A TO 1.5A TRANSIENT
12VIN TO 5VOUT
COUT = 47µF
VIN
VOUT
RLOAD = 25Ω
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8609S G29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com