Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8640
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT8609S
20
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
3.3V Step Down
5V Step Down
12V Step Down
C2
4.7µF
C3
1µF
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
309k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
3.8V
TO 42V
POWER
GOOD
fSW = 2MHz
L1 = XFL4020-222ME
VOUT
3.3V
2A
8609S TA02
C4
22µF
X7R
1206
C2
4.7µF
C3
1µF
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
182k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
5V
TO 42V
POWER
GOOD
fSW = 2MHz
L1 = XFL4020-222ME
VOUT
5V
2A
8609S TA03
C4
22µF
X7R
1206
C2
4.7µF
C3
1µF
C4
22µF
X7R
1206
C5
10pF
L1
10µH
R1
40.2k
R2
1M
R3
69.8k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
12.5V
TO 42V
POWER
GOOD
FSW = 1MHz
L1 = XAL4040-103ME
VOUT
12V
2A
8609S TA04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com