Electronic Components Datasheet Search
  English  ▼

X  

XC8111 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC8111
Description  Load switch IC with ideal diode function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8111 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC8111 Datasheet HTML 5Page - Torex Semiconductor XC8111 Datasheet HTML 6Page - Torex Semiconductor XC8111 Datasheet HTML 7Page - Torex Semiconductor XC8111 Datasheet HTML 8Page - Torex Semiconductor XC8111 Datasheet HTML 9Page - Torex Semiconductor XC8111 Datasheet HTML 10Page - Torex Semiconductor XC8111 Datasheet HTML 11Page - Torex Semiconductor XC8111 Datasheet HTML 12Page - Torex Semiconductor XC8111 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/30
XC8110/XC8111
Series
■
EXAMPLES OF APPLICATION CIRCUITS
(1-2)OR connection circuit②: Example of shipment function (ship function)
This is an example of OR connection circuit equipped with a shipment function (ship function).
The XC8110 / XC8111 can be put into standby by inputting the “H” voltage to the “Shutdown Signal” when the product is
stopped and shipped. As a result, the current consumption of the battery can be suppressed to ISTB (TYP. 0.65μA), and the
battery drive time can be extended.
Current consumption at no load under each operating condition
IC2
Operating mode
Applied
voltage to
VIN
Applied
voltage to
VOUT
Shutdown
Signal
IC2 CE
IIN
IVOUT
ICE
Pch
Driver
FET
Reverse
Protection
External power
supply applied
VIN + VREV≦
VOUT
VOUT
“L”
“H”
(VOUT)
0μA
IRBC
(0.8μA)
ICEH
(0.5μA)
OFF
Yes
Backup Operation
1.5V ~
6.0V
-
“L”
“H”
(VOUT)
IQ
(3.6μA)
0μA
ICEH
(0.5μA)
ON
-
Backup Operation
→
Ship Mode
1.5V ~
6.0V
-
“H” Pulse
“L” Pulse
(GND)
ISTB
(0.65μA)
0μA
ICEL
(0μA)
OFF
-
Ship Mode
1.5V ~
6.0V
-
“L”
“L”
(VOUT=0V)
ISTB
(0.65μA)
0μA
ICEL
(0μA)
OFF
-
XC8110/11
CL
CIN
VIN
VOUT
VSS
CE
XC8110/11
CL
CIN
VIN
VOUT
VSS
CE
COUT
IIN
Main Power
5V
Shutdown
Signal
Rpull
IVOUT
ICE
Battery
For Backup
ex) 2~3V
VIN
VOUT
IC2
IC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com