Electronic Components Datasheet Search
  English  ▼

X  

XC8111 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC8111
Description  Load switch IC with ideal diode function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8111 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC8111 Datasheet HTML 1Page - Torex Semiconductor XC8111 Datasheet HTML 2Page - Torex Semiconductor XC8111 Datasheet HTML 3Page - Torex Semiconductor XC8111 Datasheet HTML 4Page - Torex Semiconductor XC8111 Datasheet HTML 5Page - Torex Semiconductor XC8111 Datasheet HTML 6Page - Torex Semiconductor XC8111 Datasheet HTML 7Page - Torex Semiconductor XC8111 Datasheet HTML 8Page - Torex Semiconductor XC8111 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC8110/XC8111
Series
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTION
WLP-4-02
SOT-25
USP-6B06
1
1
6
VIN
Power Supply Input
2
3
4
CE
Enable pin
3
2
3
VSS
Ground Pin
4
5
1
VOUT
Output pin
-
4
2,5
NC
No Connection
■
PIN FUNCTIONS ASSIGNMENT
PIN NAME
SIGNAL
STATUS
Applied voltage to
VIN
Applied voltage to
VOUT
Pch Driver
FET
Reverse
Protection
CE
H
Active
1.5V ~ 6.0V
-
ON
-
VIN - VREV≦VOUT
1.5V ~ 6.0V
OFF
Yes
0V ~ 1.5V
-
Undefined
Undefined
-
0V ~ 1.5V
L
Stand-by
1.5V ~ 6.0V
-
OFF
-
VIN - VREV≦VOUT
1.5V ~ 6.0V
OFF
Yes
0V ~ 1.5V
-
Undefined
Undefined
-
0V ~ 1.5V
OPEN
1.5V ~ 6.0V
-
OFF
-
VIN - VREV≦VOUT
1.5V ~ 6.0V
OFF
Yes
0V ~ 1.5V
-
Undefined
Undefined
-
0V ~ 1.5V
* The heat dissipation pad of the USP-6B06 package is recommended to solder as shown
in the recommended mount pattern and metal mask pattern for mounting strength.
To take the potential of the heat dissipation plate, please connect to VSS (No.3) pin.
1
3
2
5
4
SOT-25
(TOP VIEW)
VIN
VSS CE
NC
VOUT
USP-6B06
(BOTTOM VIEW)
1
2
3
4
5
6
VOUT
VIN
NC
NC
VSS
CE
WLP-4-02
( BOTTOM VIEW)
2 CE
3 VSS
VIN 1
VOUT 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com