Electronic Components Datasheet Search
  English  ▼

X  

XC8111 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC8111
Description  Load switch IC with ideal diode function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8111 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC8111 Datasheet HTML 20Page - Torex Semiconductor XC8111 Datasheet HTML 21Page - Torex Semiconductor XC8111 Datasheet HTML 22Page - Torex Semiconductor XC8111 Datasheet HTML 23Page - Torex Semiconductor XC8111 Datasheet HTML 24Page - Torex Semiconductor XC8111 Datasheet HTML 25Page - Torex Semiconductor XC8111 Datasheet HTML 26Page - Torex Semiconductor XC8111 Datasheet HTML 27Page - Torex Semiconductor XC8111 Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24/30
XC8110/XC8111 Series
■
CHARACTERISTICS
(11-1) CE “H” Voltage vs Ambient Temperature
(11-2) CE “L” Voltage vs Ambient Temperature
XC8110/XC8111 Series
XC8110/XC8111 Series
(11-3) CE “H”, “L” Voltage vs Ambient Temperature
XC8110/XC8111 Series
VIN=3.6V
(12) CE “H” Current vs Ambient Temperature
XC8110/XC8111 Series
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
VIN=1.5V
VIN=3.6V
VIN=6.0V
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
VIN=1.5V
VIN=3.6V
VIN=6.0V
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
CE "L" Voltage
CE "H" Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
VIN=1.5V
VIN=3.6V
VIN=6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com