Electronic Components Datasheet Search
  English  ▼

X  

XC8111 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC8111
Description  Load switch IC with ideal diode function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8111 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC8111 Datasheet HTML 15Page - Torex Semiconductor XC8111 Datasheet HTML 16Page - Torex Semiconductor XC8111 Datasheet HTML 17Page - Torex Semiconductor XC8111 Datasheet HTML 18Page - Torex Semiconductor XC8111 Datasheet HTML 19Page - Torex Semiconductor XC8111 Datasheet HTML 20Page - Torex Semiconductor XC8111 Datasheet HTML 21Page - Torex Semiconductor XC8111 Datasheet HTML 22Page - Torex Semiconductor XC8111 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
XC8110/XC8111
Series
■
CHARACTERISTICS
(7-1-1) Forward Voltage vs Output Current
(7-2-1) Forward Voltage vs Ambient Temperature
XC8111AA01M (SOT-25)
XC8111AA01M (SOT-25)
VIN=1.5V, CIN=CL=1.0μF (GRM155C71A105ME11D)
IOUT=0.1mA, CIN=CL=1.0μF (GRM155C71A105ME11D)
(7-1-2) Forward Voltage vs Output Current
(7-2-2) Forward Voltage vs Ambient Temperature
XC8111AA01M (SOT-25)
XC8111AA01M (SOT-25)
VIN=3.6V, CIN=CL=1.0μF (GRM155C71A105ME11D)
IOUT=1mA, CIN=CL=1.0μF (GRM155C71A105ME11D)
(7-1-3) Forward Voltage vs Output Current
(7-2-3) Forward Voltage vs Ambient Temperature
XC8111AA01M (SOT-25)
XC8111AA01M (SOT-25)
VIN=6.0V, CIN=CL=1.0μF (GRM155C71A105ME11D)
IOUT=100mA, CIN=CL=1.0μF (GRM155C71A105ME11D)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.001
0.01
0.1
1
10
100
1000
Output Current [mA]
-40℃
25℃
85℃
105℃
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.001
0.01
0.1
1
10
100
1000
Output Current [mA]
-40℃
25℃
85℃
105℃
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.001
0.01
0.1
1
10
100
1000
Output Current [mA]
-40℃
25℃
85℃
105℃
0.00
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
VIN=1.5V
VIN=3.6V
VIN=6.0V
0.00
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
VIN=1.5V
VIN=3.6V
VIN=6.0V
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
VIN=1.5V
VIN=3.6V
VIN=6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com