Electronic Components Datasheet Search
  English  ▼

X  

XC8111 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC8111
Description  Load switch IC with ideal diode function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8111 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC8111 Datasheet HTML 10Page - Torex Semiconductor XC8111 Datasheet HTML 11Page - Torex Semiconductor XC8111 Datasheet HTML 12Page - Torex Semiconductor XC8111 Datasheet HTML 13Page - Torex Semiconductor XC8111 Datasheet HTML 14Page - Torex Semiconductor XC8111 Datasheet HTML 15Page - Torex Semiconductor XC8111 Datasheet HTML 16Page - Torex Semiconductor XC8111 Datasheet HTML 17Page - Torex Semiconductor XC8111 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14/30
XC8110/XC8111 Series
■
OPERATIONAL EXPLANATION
<
Over current limit function>
The over current limit function uses constant-current limit and foldback current limit.
When the load becomes equal to or higher than the over current limit ILIM, the constant-current limit circuit will limit the current
and will decrease the VOUT pin voltage. When the VOUT pin voltage decreases to 1.1V (TYP.), the foldback current limit will operate,
reducing both the VOUT pin voltage and the output current. If the VOUT pin voltage reaches a short-circuit state of 0V, the output
current will be suppressed to ISHORT (TYP. 50mA), so it is possible to control heat generation from the IC even during a short-
circuit condition.
Also, When the VOUT pin voltage becomes lower than 0V, the function will change to constant-current limit according to ISHORT.
Therefore, it can be started without any problems even when a negative voltage is applied to the VOUT pin voltage due to the
effect of the startup sequence.
<
Thermal shutdown function>
When the junction temperature becomes equal to or higher than TTSD (TYP. 150°C), the thermal shutdown function will detect
an overheat state, and will turn the internal switch off.
When the junction temperature decreases from TTSD by the amount of THYS (TYP. 25°C), the thermal shutdown function will be
cancelled and normal operation will resume.
Over current limit function
CE
IOUT
VOUT
Tj
Thermal
Shutdown
Normal Operation
Start-up
Operation
Normal Operation
Thermal Hysteresis Width : THYS
0V
0A
0V
Ta
Thermal Shutdown Temperature : TTSD
0V
0mA
VFORWARD : 20mV
ILIM
ISHORT
Output Current
VIN
1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com