Electronic Components Datasheet Search
  English  ▼

X  

LS1D32 Datasheet(PDF) 33 Page - Schneider Electric

Part # LS1D32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D32 Datasheet(HTML) 33 Page - Schneider Electric

Back Button LS1D32 Datasheet HTML 29Page - Schneider Electric LS1D32 Datasheet HTML 30Page - Schneider Electric LS1D32 Datasheet HTML 31Page - Schneider Electric LS1D32 Datasheet HTML 32Page - Schneider Electric LS1D32 Datasheet HTML 33Page - Schneider Electric LS1D32 Datasheet HTML 34Page - Schneider Electric LS1D32 Datasheet HTML 35Page - Schneider Electric LS1D32 Datasheet HTML 36Page - Schneider Electric LS1D32 Datasheet HTML 37Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
33
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 BREAKING CAPACITY FOR EUROPEAN APPLICATIONS (CONTINUED)
Used in Association with Current Limiter GV1L3
Type
GV2
ME01
to
ME06
ME07
ME08
ME10
ME14
ME16
ME20
ME21
ME22
Rating
A
0.1 to 1.6
2.5
4
6.3
10
14
18
23
25
Breaking capacity
conforms
to IEC 60947-2
230/240 V
Icu
kA
fffffffff
Ics
% (1)
fffffffff
400/415 V
Icu
kA
fffff
100
100
100
100
Ics
% (1)
fffff
50
50
40
40
440 V
Icu
kA
fffff
50
20
20
20
Ics
% (1)
fffff
75
75
75
75
500 V
Icu
kA
ffff
50
42
10
10
10
Ics
% (1)
ffff
100
100
75
75
75
Type
GV2
P01
to
P06
P07P08
P10P14
P16P20
P21 &
P25
P32
Rating
A
0.1 to 1.6
2.5
4
6.3
10
14
18
21 & 23
32
Breaking capacity
conforms
to IEC 60947-2
230/240 V
Icu
kA
fffffffff
Ics
% (1)
fffffffff
400/415 V
Icu
kA
fffffffff
Ics
% (1)
fffffffff
440 V
Icu
kA
fffff
100
100
100
100
Ics
% (1)
fffff
50
50
50
50
500 V
Icu
kA
ffff
100
100
100
100
100
Ics
% (1)
ffff
50
50
50
50
50
Type
GV2
ME01
to
ME06
ME07
ME08
ME10
ME14
ME16
ME20
ME21
ME22
Rating
A
0.1 to 1.6
2.5
4
6.3
10
14
18
23
25
Cable protection against thermal stress
in the event of short circuit
(PVC insulated copper cables)
Minimum cross sectional area
0.04 in2
1 mm2
(3)
(3)
(3)
10kA
6 kA
(2)
(2)
(2)
(2)
(c.s.a.) protected to 40 °C at
0.06 in2
1.5 mm2
(3)
(3)
(3)
20kA
10 kA
(2)
(2)
(2)
(2)
Isc max
0.10-0.24 in
2.5-6 mm
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
f > 100 kA.
(1) As% of Icu.
(2) Cable c.s.a. not protected
(3) cable c.s.a. protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com