Electronic Components Datasheet Search
  English  ▼

X  

LS1D32 Datasheet(PDF) 17 Page - Schneider Electric

Part # LS1D32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D32 Datasheet(HTML) 17 Page - Schneider Electric

Back Button LS1D32 Datasheet HTML 13Page - Schneider Electric LS1D32 Datasheet HTML 14Page - Schneider Electric LS1D32 Datasheet HTML 15Page - Schneider Electric LS1D32 Datasheet HTML 16Page - Schneider Electric LS1D32 Datasheet HTML 17Page - Schneider Electric LS1D32 Datasheet HTML 18Page - Schneider Electric LS1D32 Datasheet HTML 19Page - Schneider Electric LS1D32 Datasheet HTML 20Page - Schneider Electric LS1D32 Datasheet HTML 21Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
17
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV7 ACCESSORIES
Standard manual controllers and protectors include terminal and device mounting hardware. Cable
clamps and accessories should be selected from the table below.
▲
Terminal shields cannot be used together with phase barriers.
▼
The kit comprises links, a protective shield and a depth adjustable metal bracket for the breaker.
Cabling Accessories
Description
Application
Sold in
Lots Of
For Contactor
Catalog Number
Weight / kg (lbs)
Clip-On Connectors
For GV7R
•40 through GV7R•150,
1.5–95 mm2 (#14 to # 3/0 awg).
3—
GV7AC021
0.300 (0.66)
For GV7R
•220
1.5–185 mm2 (#14 to 350 mcm).
3—
GV7AC022
0.350 (0.77)
Spreaders
To increase the center line distance between phase to 45 mm.
3
—
GV7AC03
0.180 (0.40)
Terminal Shields IP 405 ▲
Supplied with the sealing accessory.
1
—
GV7AC01
0.125 (0.28)
Phase Barriers ▲
Provides maximum phase separation at the power connection points.
2
—
GV7AC04
0.075 (0.17)
Insulating Screens
Provides insulation between the connections and the backplate.
2
—
GV7AC05
0.075 (0.17)
Kit for combination with
contactor ▼
Providing a direct link between the starter and the contactor, the cover
provides protection against direct finger contact.
1
LC1F115 to F185
GV7AC06
0.550 (1.21)
1
LC1F225 and F265
GV7AC07
0.550 (1.21)
1
LC1D115 and D150
GV7AC08
0.550 (1.21)
GV7AC03
GV7AC01
GV7AC02
GV7AC04
GV7RE, RS
GV7AC01
GV7AC04
05/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com