Electronic Components Datasheet Search
  English  ▼

X  

LS1D32 Datasheet(PDF) 56 Page - Schneider Electric

Part # LS1D32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D32 Datasheet(HTML) 56 Page - Schneider Electric

Back Button LS1D32 Datasheet HTML 52Page - Schneider Electric LS1D32 Datasheet HTML 53Page - Schneider Electric LS1D32 Datasheet HTML 54Page - Schneider Electric LS1D32 Datasheet HTML 55Page - Schneider Electric LS1D32 Datasheet HTML 56Page - Schneider Electric LS1D32 Datasheet HTML 57Page - Schneider Electric LS1D32 Datasheet HTML 58Page - Schneider Electric LS1D32 Datasheet HTML 59Page - Schneider Electric LS1D32 Datasheet HTML 60Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
© 2001-2002 Schneider Electric All Rights Reserved
56
10/02
GV7 DIMENSIONS (CONTINUED)
Spreaders GV7AC03
Cabling
Smooth Terminals
Connectors
a (in/mm)
GV7R
•
0.77/19.5
GV7R
• 220
0.85/21.5
Direct Rotary Handle GV7AP03, GV7A04
Flush Mounting
Direct Rotary Handle GV7AP03 or GV7AP04 GV7AP05
Front Fuse Center
Enclosure Viewed from Top
Door cutouts require a minimum
distance between the center of the
circuit breaker and the door hinge
point d
≥ 3.94 in (100 mm) + (h x 5)
Extended Rotary Handle GV7AP01, GV7AP02
l: 7.28 in (185 mm) minimum, 23.62 in (600 mm) maximum.
The shaft of the extended rotary handle GV7AP01 or GV7AP02 must be cut to length: l - 4.96 in (126 mm)
1.77
45
1.77
45
1.18
30
4.49
114
Z
X
X
Z
a
Z
X
6.10
155
4.76
121
0
I
DD
60
60
2.17
55
3.58
91
1.42
36
1.10
28
3.5
89
=
=
3.82
97
1.14
29
4.92
125
e
2.72
69
2.0
51
4.72
120
0.36
9.25
0.35
9
=
=
3.94
100
1.61
41
d
2.95
75
=
60
0
I
=
l
0.36
9.25
0.35
9
60
Dual Dimensions
inches
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com