Electronic Components Datasheet Search
  English  ▼

X  

LS1D32 Datasheet(PDF) 40 Page - Schneider Electric

Part # LS1D32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D32 Datasheet(HTML) 40 Page - Schneider Electric

Back Button LS1D32 Datasheet HTML 36Page - Schneider Electric LS1D32 Datasheet HTML 37Page - Schneider Electric LS1D32 Datasheet HTML 38Page - Schneider Electric LS1D32 Datasheet HTML 39Page - Schneider Electric LS1D32 Datasheet HTML 40Page - Schneider Electric LS1D32 Datasheet HTML 41Page - Schneider Electric LS1D32 Datasheet HTML 42Page - Schneider Electric LS1D32 Datasheet HTML 43Page - Schneider Electric LS1D32 Datasheet HTML 44Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
40
10/02
GV3 BREAKING CAPACITY FOR EUROPEAN APPLICATIONS
Type
GV3
ME06
and
ME07
ME08
ME10
ME14
ME20
ME25
ME40
ME63
Breaking capacity (Icn)
conforms to IEC 60157-1 (P1)
230 V
kA
100
100
100
100
100
100
100
100
400/415 V
kA
100
100
100
100
100
100
35
35
440 V
kA
100
100
100
25
25
25
25
25
500 V
kA
100
100
100
8
8
8
8
8
690 V
kA
100
4
4444
44
Associated fuses (if required)
if Isc > breaking capacity Icn
230 V
aM
A
ff
ffff
ff
gl
A
ff
ffff
ff
400/415 V
aM
A
ff
ffff
250
315
gl
A
ff
ffff
315
400
440 V
aM
A
ff
f
125
160
200
250
315
gl
A
ff
f
160
200
250
315
400
500 V
aM
A
ff
f
80
100
125
160
200
gl
A
ff
f
100
125
160
200
250
690 V
aM
A
f
40
50
80
100
125
160
200
gl
A
f
50
63
100
125
160
200
250
f
Fuse not required: breaking capacity Icn > Isc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com