Electronic Components Datasheet Search
  English  ▼

X  

LS1D32 Datasheet(PDF) 41 Page - Schneider Electric

Part # LS1D32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D32 Datasheet(HTML) 41 Page - Schneider Electric

Back Button LS1D32 Datasheet HTML 37Page - Schneider Electric LS1D32 Datasheet HTML 38Page - Schneider Electric LS1D32 Datasheet HTML 39Page - Schneider Electric LS1D32 Datasheet HTML 40Page - Schneider Electric LS1D32 Datasheet HTML 41Page - Schneider Electric LS1D32 Datasheet HTML 42Page - Schneider Electric LS1D32 Datasheet HTML 43Page - Schneider Electric LS1D32 Datasheet HTML 44Page - Schneider Electric LS1D32 Datasheet HTML 45Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
41
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV7 SPECIFICATIONS
Environment
Conforming to Standards
IEC 60947-1, 60947-2, 60947-4-1, EN 60947-1, 60947-2, 60947-4-1, NF C 63-650, 63-120,
79-130, VDE 0113, UL 508, CSA C22.2 No.14
Approvals
UL File E 164864 CCN NLRV
CSA File LR 81630 Class 3211 05
Protective Treatment
“TC”
Degree of Protection
conforming to IEC 60529
IP 405 with terminal shields
Ambient Air Temperature
Storage
-55
°C to +95 °C (-68 °F to +203 °F)
Operation
-25
°C to +70 °C (-13 °F to +158 °F)
Temperature Compensation
-25
°C to +55 °C (-13 °F to +130 °F)
For use up to 70
°C (+158 °F), please consult your Regional Sales Office
Maximum Operating Altitude
2000 m (6562 ft.)
Operating Position
Suitability for Isolation Conforming to IEC 60947-1 7-1-6
Yes
Vibration Resistance
2.5 gn at 25 Hz
Phase Loss Sensitivity
Yes, conforming to IEC 60947-4-1, 7-2-1-5-2
Cabling Characteristics
Connection to Bars, and Cables with Lugs or Bare Cables
Type
GV7R ●40 – GV7R ●100 GV7R ●150
GV7R ●220
Pitch
without spreaders
35 mm (1.4 in)
35 mm (1.4 in)
35 mm (1.4 in)
with spreaders
45 mm (1.8 in)
45 mm (1.8 in)
45 mm (1.8 in)
Bars or Cables with Lugs
e
≤6 (0.24 in)
≤6 mm (0.24 in)
≤6 mm (0.24 in)
L
≤25 (1 in)
≤25 mm (1 in)
≤25 mm (1 in)
d
≤10 (0.39 in)
≤10 mm (0.39 in)
≤10 mm (0.39 in)
Screws
size
M6
M8
M8
tightening torque
10 N
•m (7.5 lb.-ft.)
15 N
•m (11.3 lb.-ft.)
15 N
•m (11.3 lb.-ft.)
Bare Cables
(Copper or Aluminum)
with Connectors
height
20 mm (0.78 in)
20 mm (0.78 in)
20 mm (0.78 in)
cross-sectional area
1.5 mm2 (#16 AWG)
1.5–95 mm2
(#16-#3/0 AWG)
1.5–185 mm2
(#16-350 mcm AWG)
tightening torque
15 N
•m (11.3 lb.-ft.)
15 N
•m (11.3 lb.-ft.)
15 N
•m (11.3 lb.-ft.))
90
90
90
90
e
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com