Electronic Components Datasheet Search
  English  ▼

X  

GV2AP01 Datasheet(PDF) 27 Page - Schneider Electric

Part # GV2AP01
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP01 Datasheet(HTML) 27 Page - Schneider Electric

Back Button GV2AP01 Datasheet HTML 23Page - Schneider Electric GV2AP01 Datasheet HTML 24Page - Schneider Electric GV2AP01 Datasheet HTML 25Page - Schneider Electric GV2AP01 Datasheet HTML 26Page - Schneider Electric GV2AP01 Datasheet HTML 27Page - Schneider Electric GV2AP01 Datasheet HTML 28Page - Schneider Electric GV2AP01 Datasheet HTML 29Page - Schneider Electric GV2AP01 Datasheet HTML 30Page - Schneider Electric GV2AP01 Datasheet HTML 31Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
27
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 ACCESSORY SPECIFICATIONS
3-Pole Busbars and GV2G•
Rated insulation voltage (Ui)
Conforming to IEC 60947-1
V
690
Conventional rated thermal current
(Ith)
Conforming to IEC 60439-1
A
63
Permissible peak current
(I peak)
kA
11
Permissible thermal limit
(I2t)
kA2s104
Degree of protection
Conforming to IEC 60529
IP 20
Terminal Blocks GV2G05 and GV1G09
Rated insulation voltage (Ui)
Conforming to IEC 60947-1
V
690
Conventional rated thermal current (Ith)
Conforming to IEC 60439-1
A
63
Degree of protection
Conforming to IEC 60529
IP 20
Wiring
Solid cable
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#14 to #6 AWG (1.5 to 10 mm2) conductors
Flexible cable without cable end
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#12 to #6 AWG (2.5 to 10 mm2) conductors
Flexible cable with cable end
1-#14 to #4 AWG (1.5 to 16 mm2) conductor or
2-#14 to #10 AWG (1.5 to 4 mm2) conductors
Tightening torque
Connector
20 lb-in (2.2 N•m)
Screw clamp
15 lb-in (1.7 N•m)
Current Limiter GV1L3 (European applications only)
Rated insulation voltage (Ui)
Conforming to IEC 60947-1
V
690
Conventional rated thermal current (Ith)
Conforming to IEC 60947-1
A
63
Operating threshold
rms current
A
1500 (non adjustable threshold)
Wiring
Solid cable
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#14 to #6 AWG (1.5 to 10 mm2) conductors
Flexible cable without cable end
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#12 to #6 AWG (2.5 to 10 mm2) conductors
Flexible cable with cable end
1-#14 to #4 AWG (1.5 to 16 mm2) conductor or
2-#14 to #10 AWG (1.5 to 4 mm2) conductors
Tightening torque
20 lb-in (2.2 N•m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com