Electronic Components Datasheet Search
  English  ▼

X  

GV2AP01 Datasheet(PDF) 53 Page - Schneider Electric

Part # GV2AP01
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP01 Datasheet(HTML) 53 Page - Schneider Electric

Back Button GV2AP01 Datasheet HTML 49Page - Schneider Electric GV2AP01 Datasheet HTML 50Page - Schneider Electric GV2AP01 Datasheet HTML 51Page - Schneider Electric GV2AP01 Datasheet HTML 52Page - Schneider Electric GV2AP01 Datasheet HTML 53Page - Schneider Electric GV2AP01 Datasheet HTML 54Page - Schneider Electric GV2AP01 Datasheet HTML 55Page - Schneider Electric GV2AP01 Datasheet HTML 56Page - Schneider Electric GV2AP01 Datasheet HTML 57Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
53
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV3 MOUNTING DIMENSIONS
GV3M
Mounting on Rail AM1DE200 or AM1ED201
X1 = Electrical clearance
(breaking at Isc max.)
1.6 " / 40 mm for Ue < 500 V
2.0 " / 50 mm for Ue = 690 V
(1) Auxiliary contact blocks GV1A01 to A07
Mounting on Panel
Mounting on Pre-slotted Mounting Plate AM1PA
Surface Mounting Enclosure GV3CE01
(1) 0.04 x 0.83 " / 1 x 21 mm and 0.04 x 1.5 " / 1 x 37.5 mm blanking plugs for cable entries
(2) 0.04 x 0.83 " / 1 x 21 mm and 0.08 x 1.5 " / 1 x 37.5 mm blanking plugs for cable entries
17.3
22
.87
75
3.0
113
4.4
5.5
.22
2.4
61.2
21.2
.83
20
.79
2x4
2x0.16
4.5
.18
.68
70.4
2.8
(1)
122.5
4.8
113
4.4
61.2
61,2
21.2
.83
2x 4
20
.79
20
.79
2x0.16
20
.79
113
4.4
AF1EA4
150
5.9
154.4
6.1
181
7.1
105
4.1
==
4x 7.7
4x0.30
(2)
(1)
Dual Dimensions
inches
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com