Electronic Components Datasheet Search
  English  ▼

X  

GV2AP01 Datasheet(PDF) 29 Page - Schneider Electric

Part # GV2AP01
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP01 Datasheet(HTML) 29 Page - Schneider Electric

Back Button GV2AP01 Datasheet HTML 25Page - Schneider Electric GV2AP01 Datasheet HTML 26Page - Schneider Electric GV2AP01 Datasheet HTML 27Page - Schneider Electric GV2AP01 Datasheet HTML 28Page - Schneider Electric GV2AP01 Datasheet HTML 29Page - Schneider Electric GV2AP01 Datasheet HTML 30Page - Schneider Electric GV2AP01 Datasheet HTML 31Page - Schneider Electric GV2AP01 Datasheet HTML 32Page - Schneider Electric GV2AP01 Datasheet HTML 33Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
29
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 OPERATING CURVES (CONTINUED)
Current Limitation on Short Circuit
For GV2M and GV2P
Three-phase 400/415 V
Dynamic stress
1 peak = f (prospective Isc) at 1.05 Ue = 435 V
1
I peak max.
6
6-10 A
2
20-25 A
7
4-6.3 A
3
17-23 A
8
2.5-4 A
4
13-18 A
9
1.6-2.5 A
5
9-14 A
10
1-1.6 A
11
Limit of rated ultimate breaking capacity on short circuit of GV2M
(14, 18, 23 and 25 Amp ratings)
Prospective Isc (A)
Maximum peak current (A)
1
5
4
3
2
6
7
8
9
10
100 000
10 000
1000
100
100
1000
10 000
100 000
15 000 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com