Electronic Components Datasheet Search
  English  ▼

X  

GV2AP01 Datasheet(PDF) 43 Page - Schneider Electric

Part # GV2AP01
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP01 Datasheet(HTML) 43 Page - Schneider Electric

Back Button GV2AP01 Datasheet HTML 39Page - Schneider Electric GV2AP01 Datasheet HTML 40Page - Schneider Electric GV2AP01 Datasheet HTML 41Page - Schneider Electric GV2AP01 Datasheet HTML 42Page - Schneider Electric GV2AP01 Datasheet HTML 43Page - Schneider Electric GV2AP01 Datasheet HTML 44Page - Schneider Electric GV2AP01 Datasheet HTML 45Page - Schneider Electric GV2AP01 Datasheet HTML 46Page - Schneider Electric GV2AP01 Datasheet HTML 47Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
43
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV7 AUXILIARY CONTACT SPECIFICATIONS
Auxiliary Contact Characteristics
Type
GV7AE11
GV7AB11
Rated Insulation Voltage (Ui)
(associated insulation co-ordination)
690
690
Conforming to IEC 60947-1
from CSA C22.2 No. 14 & UL 508
600
300
Conventional Thermal Current (Ith)
6 A
6 A
Conforming to IEC 60947-5-1
from CSA C22.2 No. 14 & UL 508
5 A
1 A
Mechanical Durability
(C.O.: Close-Open)
50,000 C.O.
50,000 C.O.
Operational Current
Conforming to IEC 60947-5-1
AC Operation
AC-12 or AC-15, 50,000 C.O.
AC-12 or AC-15, 50,000 C.O.
Rated Operational Voltage (Ue)
V
24
48
110
230/240
380/415
440
690
24
48
110
230/240
380/415
440
690
Rated Operational Current (le)
AC-12
A
6666
6
6
6
5555
5
5
5
AC-15
A
6654
3
3
0.1
5543
2.5
2.5
0.1
Operational Current
Conforming to IEC 60947-5-1
DC Operation
DC-12 or DC-14, 50,000 C.O.
DC-12 or DC-14, 50,000 C.O.
Rated Operational Voltage (Ue)
V
24
48
110
250
24
48
110
250
Rated Operational Current (le)
DC-12
A
2.5
2.5
0.8
0.3
2
2
0.5
–
DC-14
A
1
0.2
0.5
0.03
0.5
0.1
0.25
–
Minimum operating conditions
17 V
12 V
DC Operation
5 mA
5 mA
Short-circuit Protection
By GB2CB●● circuit breaker (rated according to operational current for Ue
≤ 415 V) or by gl fuse, 10 A max.
Cabling
Solid Cable
1 x 1.5 mm2 (1 x #16 AWG)
1 x 1.5 mm2 (1 x #16 AWG)
Flexible Cable without Cable End
1 x 1.5 mm2 (1 x #16 AWG)
1 x 1.5 mm2 (1 x #16 AWG)
Flexible Cable with Cable End
1 x 1.5 mm2 (1 x #16 AWG)
1 x 1.5 mm2 (1 x #16 AWG)
Characteristics of Electric Releases
Type
GV7AU
GV7AS
Rated Insulation Voltage (Ui)
Conforming to IEC 60947-1
690 V
690 V
Operational Voltage
Conforming to IEC 60947-1
0.85–1.1 Ue (V)
0.7–1.1 Ue (V)
Drop-Out Voltage
0.35–0.7 Ue (V)
0.2–0.75 Ue (V)
Inrush Consumption
<10 VA
<10 VA
<5 W
<5 W
Sealed Consumption
<5 VA
<5 VA
<5 W
<5 W
Operating Time
Conforming to IEC 60947-1
<50 ms
<50 ms
On-load Factor
100%
100%
Cabling
Solid or Flexible Cable
2 x 1.5 mm2 (max.) (2 x #16 AWG)
2 x 1.5 mm2 (max.) (2 x #16 AWG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com