Electronic Components Datasheet Search
  English  ▼

X  

GV2AP01 Datasheet(PDF) 32 Page - Schneider Electric

Part # GV2AP01
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP01 Datasheet(HTML) 32 Page - Schneider Electric

Back Button GV2AP01 Datasheet HTML 28Page - Schneider Electric GV2AP01 Datasheet HTML 29Page - Schneider Electric GV2AP01 Datasheet HTML 30Page - Schneider Electric GV2AP01 Datasheet HTML 31Page - Schneider Electric GV2AP01 Datasheet HTML 32Page - Schneider Electric GV2AP01 Datasheet HTML 33Page - Schneider Electric GV2AP01 Datasheet HTML 34Page - Schneider Electric GV2AP01 Datasheet HTML 35Page - Schneider Electric GV2AP01 Datasheet HTML 36Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
32
10/02
GV2 BREAKING CAPACITY FOR EUROPEAN APPLICATIONS
Type
GV2
GV2
ME01
to
ME06
ME07 ME08 ME10 ME14 ME16 ME20 ME21 ME22
P01
to
P06
P07
P08
P10
P14
P16
P20
P21
&
P22
P32
Rating
A
0.1 to
1.6
2.54
6.310
14
18
23
25
0.1
to
1.6
2.5
4
6.3
10
14
18
23 &
25
32
Breaking capacity
conforms to
IEC 60947-2
230/
240 V
Icu
kA
ff
fffff
50
50
f
fffffff
f
Ics
% (1)
ff
fffff
100
100
f
fffffff
f
400/
415 V
Icu
kA
ff
fff
15
15
15
15
f
fffff
50
50
50
Ics
% (1)
ff
fff
50
50
40
40
f
fffff
50
50
50
440 V
Icu
kA
ff
f
50
15
8866
f
ffff
50
20
20
20
Ics
% (1)
ff
f
100
100
50
50
50
50
f
ffff
75
75
75
75
500 V
Icu
kA
ff
f
50
10
6644
f
fff
50
42
10
10
10
Ics
% (1)
ff
f
100
100
75
75
75
75
f
fff
100
757575
75
690 V
Icu
kA
f
3
3333333
f
8866644
4
Ics
% (1)
f
75
75
75
75
75
75
75
75
f
100
100
100
100
100
100
100
100
Associated fuses
(if required)
if Isc > breaking
capacity Icu
conforms to
IEC 60947-2
230/
240 V
aM
A
ff
fffff
80
80
f
fffffff
f
gl
A
ff
fffff
100
100
f
fffffff
f
400/
415 V
aM
A
ff
fff
63
63
80
80
f
fffff
100
100
100
gl
A
ff
fff
80
80
100
100
f
fffff
125
125
125
440 V
aM
A
ff
f
50
50
50
50
63
63
f
ffff
50
63
80
80
gl
A
ff
f
63
63
63
63
80
80
f
ffff
63
80
100
100
500 V
aM
A
ff
f
50
50
50
50
50
50
f
fff
50
50
50
50
50
gl
A
ff
f
63
63
63
63
63
63
f
fff
63
63
63
63
63
690 V
aM
A
f
16
25
32
32
40
40
40
40
f
20
25
40
40
50
50
50
50
gl
A
f
20
32
40
40
50
50
50
50
f
25
32
50
50
63
63
63
63
f
> 100 kA.
(1)
As% of Icu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com