Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
WM8776
Production Data
w
PD Rev 4.0 April 2005
42
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
HPLA[6:0]
1111001
(0dB)
Attenuation data for HEADPHONE left channel in 1dB steps.
7
HPLZCEN
0
Left HEADPHONE zero cross detect enable
0: zero cross disabled
1: zero cross enabled
R0 (00h)
0000000
Headphone
Analogue
Attenuation
Headphone
Left
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store HPLA in intermediate latch (no change to output)
1: Store HPLA and update attenuation on all channels.
6:0
HPRA[6:0]
1111001
(0dB)
Attenuation data for Headphone right channel in 1dB steps.
7
HPRZCEN
0
Right Headphone zero cross detect enable
0: zero cross disabled
1: zero cross enabled
R1 (01h)
0000001
Headphone
Analogue
Attenuation
Headphone
Right
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store HPRA in intermediate latch (no change to output)
1: Store HPRA and update attenuation on all channels.
6:0
HPMASTA[6:0]
1111001
(0dB)
Attenuation data for all ANALOGUE gains (L and R channels) in
1dB steps.
7
MZCEN
0
Master zero cross detect enable
0: zero cross disabled
1: zero cross enabled
R2 (02h)
0000010
Headphone
Master Analogue
Attenuation
(All Channels)
8
UPDATEA
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store gains in intermediate latch (no change to output)
1: Store gains and update attenuation on all channels.
7:0
LDA1[7:0]
11111111
(0dB)
Digital Attenuation data for Left channel DACL in 0.5dB steps.
R3 (03h)
0000011
Digital
Attenuation
DACL
8
UPDATED
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store LDA1 in intermediate latch (no change to output)
1: Store LDA1 and update attenuation on all channels
7:0
RDA1[6:0]
11111111
(0dB)
Digital Attenuation data for Right channel DACR in 0.5dB steps.
R4 (04h)
0000100
Digital
Attenuation
DACR
8
UPDATED
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store RDA1 in intermediate latch (no change to output)
1: Store RDA1 and update attenuation on all channels.
7:0
MASTDA[7:0]
11111111
(0dB)
Digital Attenuation data for all DAC channels in 0.5dB steps.
R5 (05h)
0000101
Master
Digital
Attenuation
(All Channels
8
UPDATED
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com