Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
WM8776
Production Data
w
PD Rev 4.0 April 2005
18
Table 8 shows the settings for ADCRATE and DACRATE for common sample rates and
ADCMCLK/DACMCLK frequencies.
System Clock Frequency (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
SAMPLING
RATE
(DACLRC/
ADCLRC)
DACRATE
=000
DACRATE
=001
ADCRATE/
DACRATE
=010
ADCRATE/
DACRATE
=011
ADCRATE/
DACRATE
=100
ADCRATE/
DACRATE
=101
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 8 Master Mode ADC/DACLRC Frequency Selection
ADCBCLK and DACBCLK are also generated by the WM8776. The frequency of ADCBCLK and
DACBCLK depends on the mode of operation.
In 128/192fs modes (DACRATE=000 or 001) BCLK = MCLK/2. In 256/384/512fs modes
(ADCRATE/DACRATE=010 or 011 or 100) BCLK = MCLK/4. However if DSP mode is selected as
the audio interface mode then BCLK=MCLK. Note that DSP mode cannot be used in 128fs mode for
word lengths greater than 16 bits or in 192fs mode for word lengths greater than 24 bits.
ZERO DETECT
The WM8776 has a zero detect circuit for each DAC channel, which detects when 1024 consecutive
zero samples have been input. The two zero flag outputs (ZFLAGL and ZFLAGR) may be
programmed to output the zero detect signals (see Table 9) that may then be used to control external
muting circuits. A ‘1’ on ZFLAGL or ZFLAGR indicates a zero detect. The zero detect may also be
used to automatically enable the PGA mute by setting IZD. The zero flag output may be disabled by
setting DZFM to 00. The zero flag signal for each DAC channel will only be enabled if it is enabled as
an input to the output summing stage.
DZFM[1:0]
ZFLAGL
ZFLAGR
00
Zero flag disabled
Zero flag disabled
01
Left channel zero
Right channel zero
10
Both channel zero
Both channel zero
11
Either channels zero
Either channel zero
Table 9 Zero Flag Output Select
POWERDOWN MODES
The WM8776 has powerdown control bits allowing specific parts of the WM8776 to be powered off
when not being used. The 5-channel input source selector and input buffer may be powered down
using control bit AINPD. When AINPD is set all inputs to the source selector (AIN1l/R to AIN5L/R)
are switched to a buffered VMIDADC. Control bit ADCPD powers off the ADC and also the ADC input
PGAs. The stereo DAC has a separate powerdown control bit, DACPD allowing the DAC and
analogue output mixer to be powered off when not in use. This also switches the analogue outputs
VOUTL/R to VMIDDAC to maintain a dc level on the output.
Setting AINPD, ADCPD and DACPD will powerdown everything except the references VMIDADC,
ADCREF and VMIDDAC. These may be powered down by setting PDWN. Setting PDWN will
override all other powerdown control bits. It is recommended that AINPD, HPPD, ADCPD and
DACPD are set before setting PDWN. The default is for all blocks to be enabled other than HPPD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com