Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
WM8776
Production Data
w
PD Rev 4.0 April 2005
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL=1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH=1mA
0.9 x DVDD
V
Analogue Reference Levels
Reference voltage
VVMID
AVDD/2
V
Potential divider resistance
RVMID
50k
Ω
DAC Performance (Load = 10k Ω, 50pF)
0dBFs Full scale output voltage
1.0 x
AVDD/5
Vrms
SNR (Note 1,2)
A-weighted,
@ fs = 48kHz
102
108
dB
SNR (Note 1,2)
A-weighted
@ fs = 96kHz
108
dB
Dynamic Range (Note 2)
DNR
A-weighted, -60dB
full scale input
108
dB
Total Harmonic Distortion (THD)
1kHz, 0dBFs
-97
-90
dB
DAC channel separation
100
dB
1kHz 100mVpp
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB
Headphone Buffer
Maximum Output voltage
0.9
Vrms
RL = 32 Ω
25
mW
Max Output Power (Note 4)
Po
RL = 16 Ω
50
mW
SNR (Note 1,2)
A-weighted
85
92
dB
Headphone analogue Volume
Gain Step Size
0.5
1
1.5
dB
Headphone analogue Volume
Gain Range
1kHz Input
-73
+6
dB
Headphone analogue Volume
Mute Attenuation
1kHz Input, 0dB gain
100
dB
1kHz, RL = 32Ω @ Po =
10mW rms
-80
0.01
-60
0.1
dB
%
Total Harmonic Distortion
THD
1kHz, RL = 32Ω @ Po =
20mW rms
-77
0.014
-55
1.0
dB
%
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz, without
supply decoupling
-40
dB
ADC Performance
Input Signal Level (0dB)
1.0 x
AVDD/5
Vrms
SNR (Note 1,2)
A-weighted, 0dB gain
@ fs = 48kHz
97
102
dB
SNR (Note 1,2)
A-weighted, 0dB gain
@ fs = 96kHz
64 x OSR
100
dB
Dynamic Range (note 2)
A-weighted, -60dB
full scale input
102
dB
Total Harmonic Distortion (THD)
1kHz, 0dBFs
-92
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com