Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 57Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
Production Data
WM8776
w
PD Rev 4.0 April 2005
53
APPLICATIONS INFORMATION
EXTERNAL CIRCUIT CONFIGURATION
In order to allow the use of 2V rms and larger inputs to the ADC and AUX inputs, a structure is used
that uses external resistors to drop these larger voltages. This also increases the robustness of the
circuit to external abuse such as ESD pulses. Figure 41 shows the ADC input multiplexor circuit with
external components allowing 2Vrms inputs to be applied.
AIN1L
10K
10uF
AIN2L
10K
10uF
AIN3L
10K
10uF
AIN4L
10K
10uF
AIN5L
10K
10uF
AIN1R
10K
10uF
AIN2R
10K
10uF
AIN3R
10K
10uF
AIN4R
10K
10uF
AIN5R
10K
10uF
SOURCE
SELECTOR
INPUTS
AINVGR
AINOPR
5K
AINVGL
AINOPL
5K
Figure 41 ADC Input Multiplexor Configuration
10K
MX[0]
MX[1]
MX[2]
10K
10K
10K
DACL/R
BYPASSL/R
AUXL/R
10uF
AUX input
Figure 42 5.1 Channel Input Multiplexor Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com