Electronic Components Datasheet Search
  English  ▼

X  

WM8777 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8777
Description  24-bit, 192kHz AV Receiver on-a-Chip
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8777 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8777 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
Pre-Production
WM8777
w
PP Rev 3.0 January 2005
39
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
(18h)
Primary
Interface Control (RX)
5:4
PAIFRX_WL[1:0]
10
(1Bh)
Primary Interface
Control (TX)
5:4
PAIFTX_WL [1:0]
10
(3Eh)
Secondary Interface
Control
5:4
SAIF_WL [1:0]
10
Input Word Length
00 = 16 bit data
01 = 20 bit data
10 = 24 bit data
11 = 32 bit data
Table 28 Word Length Registers
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8777 pads the unused LSBs with zeros. If
the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I²S mode, any width of 24 bits or less is supported provided that LRCLK is high for a
minimum of 24 PBCLKs and low for a minimum of 24 PBCLKs. If exactly 32 bit clocks occur in one
left/right clock (16 high, 16 low) the chip will auto detect and run a 16 bit data mode.
POWERDOWN MODES
The WM8777 has powerdown control bits allowing specific parts of the WM8777 to be powered down
when not in use. The 6-channel input source selector and input buffer may be powered down using
control bit AINPD. When AINPD is set all inputs to the source selector (AIN1L/R to AIN6L/R) are
switched to a buffered VMIDADC and the ADC is also powered off. The control bit ADCPO powers
off the ADC.
The four stereo DACs each have a separate powerdown control bit, DACPD[3:0] allowing individual
stereo DACs to be powered down when not in use. The analogue output mixers and PGAs may also
be powered down by setting OUTPD1/2/3/4. OUTPD1/2/3/4 also switch the analogue outputs
VOUTL/R to VMIDDAC to maintain a dc level on the output. SPDIFTXD and SPDIFRXD will
powerdown the S/PDIF transmitter and receiver.
Setting all of AINPD, ADCPD, DACPD[3:0], SPDIFTXD, SPDIFRXD and OUTPD[3:0] will powerdown
everything except the references VMIDADC, ADCREF and VMIDDAC. These may be powered down
by setting PDWN. Setting PDWN will override all other powerdown control bits. It is recommended
that the 6-channel input mux and buffer, ADC, DAC and output mixers and PGAs are powered down
before setting PDWN. The default is for all powerdown bits to be set except PDWN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
PWDN
0
Chip Powerdown Control (works
in tandem with the other
powerdown registers):
0 = All digital circuits running,
outputs are active
1 = All digital circuits in power
save mode, outputs muted
1
ADCPD
1
ADC powerdown:
0 = ADC enabled
1 = ADC disabled
5:2
DACPD[3:0]
1111
DAC powerdowns (0 = DAC
enabled, 1 = DAC disabled)
DACPD[0] = DAC1
DACPD[1] = DAC2
DACPD[2] = DAC3
DACPD[3] = DAC4
6
SPDIFTXD
1
SPDIF_TX powerdown
0 = SPDIF_TX enabled
1 = SPDIF_TX disabled
(1Ah)
Powerdown Control
7
SPDIFRXD
1
SPDIF_RX powerdown
0 = SPDIF_RX enabled
1 = SPDIF_RX disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com