Electronic Components Datasheet Search
  English  ▼

X  

WM8777 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8777
Description  24-bit, 192kHz AV Receiver on-a-Chip
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8777 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8777 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
Pre-Production
WM8777
w
PP Rev 3.0 January 2005
49
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
3:0
FREQ[3:0]
27:24
0001
Sampling Frequency. See S/PDIF
specification for details.
0001 = Sampling Frequency not indicated.
(3Ch)
S/PDIF
Transmitter
Channel Bit
Control 4
5:4
CLKACU[1:0]
29:28
11
Clock Accuracy of Generated clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to
sampling frequency.
Table 37 S/PDIF Tx Channel Bit Control 4
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
MAXPAIFRX_WL
32
1
Maximum Audio sample word length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
000 = Word Length Not Indicated
TXPAIFRX_
WL
MAXPAIFR
X_WL==1
MAXPAIFR
X_WL==0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
TXPAIFRX_WL
[2:0]
35:33
101
All other combinations reserved
(3Dh)
S/PDIF
Transmitter
Channel Bit
Control 5
7:4
ORGSAMP
[3:0]
39:36
0000
Original Sampling Frequency. See S/PDIF
specification for details.
0000 = original sampling frequency not
indicated
Table 38 S/PDIF Tx Channel Bit Control 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com