Electronic Components Datasheet Search
  English  ▼

X  

WM8777 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8777
Description  24-bit, 192kHz AV Receiver on-a-Chip
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8777 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8777 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
Pre-Production
WM8777
w
PP Rev 3.0 January 2005
21
OUTPUT POWERDOWN
The analogue output signal paths are all disabled by default and can be controlled by writing to the
appropriate software control register.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AUXLPD
1
Auxiliary left output powerdown.
0 = enabled
1 = disabled
1
AUXRPD
1
Auxiliary right output powerdown.
0 = enabled
1 = disabled
2
SURLPD
1
Surround left output powerdown.
0 = enabled
1 = disabled
3
SURRPD
1
Surround Right output
powerdown.
0 = enabled
1 = disabled
4
LFEPD
1
LFE output powerdown.
0 = enabled
1 = disabled
5
CTRPD
1
Center output powerdown.
0 = enabled
1 = disabled
6
FRTLPD
1
Front Left output powerdown.
0 = enabled
1 = disabled
7
FRTRPD
1
Front Right output powerdown.
0 = enabled
1 = disabled
(2Dh)
Output Powerdown
8
HPPD
1
Headphone output powerdown.
0 = enabled
1 = disabled
Table 9 Output Powerdown Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com