Electronic Components Datasheet Search
  English  ▼

X  

WM8777 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8777
Description  24-bit, 192kHz AV Receiver on-a-Chip
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8777 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8777 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
Pre-Production
WM8777
w
PP Rev 3.0 January 2005
13
ANALOGUE TONE CONTROLS
Facilities are provided for implementation of analogue treble and bass tone controls on each of the
Front left, right and centre channels. External R and C values are used to set the corner frequencies
of these tone control functions, allowing the system builder to choose the required responses.
Adjustment of the amplitude of the required tone response is made electronically by writing the
required gain or attenuation value into the WM8777 over the serial control interface. Maximum boost
or attenuation of tone control values of +/-10dB in 1dB steps is provided.
A tone control bypass path is provided, plus input summing paths for Rear (i.e. Surround L/R),
Centre and LFE channels, to allow for creation of a stereo ‘mix-down’ signal when only two speakers
are supported. Each of these mix-down paths has independent gain adjust from 0dB to -6db in 1dB
steps.
An analogue input bypass path is also provided. This allows AIN6L and AIN6R to be output on the
FRONTL and FRONTR output channels making use of the volume controls if required.
In order to provide sufficient headroom for cases where significant amounts of analogue treble or
bass boost have been applied, a gain attenuation control is provided in the summing stage after the
tone adjust PGAs. This allows attenuation of -6dB, -12dB or -18dB to be applied. Re-adjustment of
the nominal 0dB signal level may then be made in the following volume control stage as required.
pad
pad
pad
pad
Bass filter
Treble filter
Bass Managed Signal
Bass cut
+/-10dB
Treble boost
Tone Control Bypass
Main Volume Control
+20dB to -100dB
0, -6,
-12, -18dB
Bass boost
Bass
management filter
Bypass
Aux input
DAC
pad
XSUMOP
XIN3
XIN2
XIN1
FRONTL/R
Treble cut
Bass
Management
pad
RearL/R
Center
LFE
Stereo Mix-down inputs
No-Sub Option
AIN6L/R
0 to -6dB
Figure 1 Tone Control Configuration - Front Left/Right (single channel shown)
pad
pad
pad
pad
Bass filter
Treble filter
Bass Managed Signal
Bass cut
+/-10dB
Treble boost
Tone Control Bypass
Main Volume Control
+20dB to -100dB
0, -6,
-12, -18dB
Bass boost
Bass
management filter
Bypass
Aux input
DAC
pad
CNTSUMOP
CIN3
CIN2
CIN1
CNTR
Treble cut
Bass
Management
pad
LFE
No-Sub Option
0 to -6dB
To Front L/R
Figure 2 Tone Control Configuration - Centre Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com