Electronic Components Datasheet Search
  English  ▼

X  

WM8777 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8777
Description  24-bit, 192kHz AV Receiver on-a-Chip
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8777 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8777 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8777 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
WM8777
Pre-Production
w
PP Rev 3.0 January 2004
86
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
SURRPD
1
Surround Right output powerdown.
0 = powerup
1 = powerdown
4
LFEPD
1
LFE output powerdown.
0 = powerup
1 = powerdown
5
CTRPD
1
Center output powerdown.
0 = powerup
1 = powerdown
6
FRTLPD
1
Front Left output powerdown.
0 = powerup
1 = powerdown
7
FRTRPD
1
Front Right output powerdown.
0 = powerup
1 = powerdown
8
HPPD
1
Headphone output powerdown.
0 = powerup
1 = powerdown
7:0
LAG[7:0]
11001111
(0dB)
Attenuation control for left channel ADC gain in 0.5dB steps. See
Table 68
0101110
(2Eh)
Attenuation
ADC Left
8
ZCLEN
0
Zero Cross enable for left channel ADC
0 = Disable Zero Cross
1 = Enable Zero Cross
7:0
RAG[7:0]
11001111
(0dB)
Attenuation control for right channel ADC gain in 0.5dB steps.
See Table 68
0101111
(2Fh)
Attenuation
ADC Right
8
ZCREN
0
Zero Cross enable for right channel ADC
0 = Disable Zero Cross
1 = Enable Zero Cross
0
MUTEL
0
Left Channel mute control
0 = Channel not muted
1 = Channel muted
1
MUTER
0
Left Channel mute control
0 = Channel not muted
1 = Channel muted
2
ADCATC
0
Attenuator Control
0 = ADC use attenuations as programmed.
1 = Right channel ADC use corresponding left ADC attenuations
0110000
(30h)
Attenuation
Control
3
TOADC
0
Time out clock enable/disable
0 = Time out clock enabled.
1 = Time out clock disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com