Electronic Components Datasheet Search
  English  ▼

X  

A1180 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1180
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1180 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1180 Datasheet HTML 3Page - Allegro MicroSystems A1180 Datasheet HTML 4Page - Allegro MicroSystems A1180 Datasheet HTML 5Page - Allegro MicroSystems A1180 Datasheet HTML 6Page - Allegro MicroSystems A1180 Datasheet HTML 7Page - Allegro MicroSystems A1180 Datasheet HTML 8Page - Allegro MicroSystems A1180 Datasheet HTML 9Page - Allegro MicroSystems A1180 Datasheet HTML 10Page - Allegro MicroSystems A1180 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Sensitive Two-Wire Field-Programmable
Chopper-Stabilized Unipolar Hall Effect Switches
A1180, A1181,
A1182, and A1183
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Functional Description
BHYS
ICC(H)
ICC(L)
B+
B–
I+
0
(A) A1180 and A1182
BHYS
ICC(H)
ICC(L)
B+
I+
B–
0
(B) A1181 and A1183
Operation
The output, ICC, of the A1180 and A1182 devices switch low
after the magnetic field at the Hall sensor exceeds the oper-
ate point threshold, BOP. When the magnetic field is reduced to
below the release point threshold, BRP, the device output goes
high. The differences between the magnetic operate and release
point is called the hysteresis of the device, BHYS. This built-
in hysteresis allows clean switching of the output even in the
presence of external mechanical vibration and electrical noise.
The A1181 and A1183 devices switch with opposite polarity for
similar BOP and BRP values, in comparison to the A1180 and
A1183 (see figure 1).
Figure 1. Alternative switching behaviors are available in the A118x device family. On the horizontal axis, the B+ direction indicates
increasing south polarity magnetic field strength, and the B– direction indicates decreasing south polarity field strength (including the
case of increasing north polarity).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com