Electronic Components Datasheet Search
  English  ▼

X  

A1180 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1180
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1180 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1180 Datasheet HTML 1Page - Allegro MicroSystems A1180 Datasheet HTML 2Page - Allegro MicroSystems A1180 Datasheet HTML 3Page - Allegro MicroSystems A1180 Datasheet HTML 4Page - Allegro MicroSystems A1180 Datasheet HTML 5Page - Allegro MicroSystems A1180 Datasheet HTML 6Page - Allegro MicroSystems A1180 Datasheet HTML 7Page - Allegro MicroSystems A1180 Datasheet HTML 8Page - Allegro MicroSystems A1180 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Description
The A1180, A1181, A1182, and A1183 devices are sensitive,
two-wire, unipolar, Hall effect switches.The operate point, BOP,
can be field-programmed, after final packaging of the sensor
and placement into the application. This advanced feature
allows the optimization of the sensor switching performance,
by effectively accounting for variations caused by mounting
tolerances for the device and the target magnet.
This family of devices are produced on the Allegro
MicroSystems advanced BiCMOS wafer fabrication process,
which implements a patented, high-frequency, chopper-
stabilization technique that achieves magnetic stability and
eliminates the offsets that are inherent in single-element devices
exposed to harsh application environments. Commonly found
in a number of automotive applications, theA1180-83 family of
devices are utilized to sense: seat track position, seat belt buckle
presence, hood/trunk latching, and shift selector position.
Two-wire unipolar switches are particularly advantageous
in price-sensitive applications, because they require one
less wire than the more traditional open-collector output
A1180-DS, Rev. 5
Features and Benefits
▪ Chopper stabilization
▫ Low switchpoint drift over operating
temperature range
▫ Low sensitivity to stress
▪ Field programmable for optimized switchpoints
▪ On-chip protection
▫ Supply transient protection
▫ Reverse-battery protection
▫ On-board voltage regulator
▫ 3.5 to 24 V operation
Sensitive Two-Wire Field-Programmable Chopper-Stabilized
Unipolar Hall-Effect Switches
Continued on the next page…
Functional Block Diagram
Not to scale
Packages: 3 pin SOT23W (suffix LH), and
3 pin SIP (suffix UA)
A1180, A1181, A1182, and A1183
Amp
Regulator
Low-Pass
Filter
GND
VCC
GND
Package UA Only
0.01 uF
V+
Program/Lock
Programming
Logic
Offset
Clock/Logic


Similar Part No. - A1180

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1180 ALLEGRO-A1180 Datasheet
915Kb / 14P
Two-Wire, Programmable, Chopper-Stabilized, Unipolar Hall-Effect Switch
A1180 ALLEGRO-A1180 Datasheet
356Kb / 16P
Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
logo
Master Analog Technolog...
A1180 MAT-A1180 Datasheet
1Mb / 2P
Multi-Purpose Hall Effect Latch
Rev 2.01
logo
List of Unclassifed Man...
A11809-02 ETC-A11809-02 Datasheet
318Kb / 2P
Tpcm 900 Series
logo
Allegro MicroSystems
A1180ELHLT ALLEGRO-A1180ELHLT Datasheet
356Kb / 16P
Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1180

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250_06 Datasheet
354Kb / 15P
Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com