Electronic Components Datasheet Search
  English  ▼

X  

A1180 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1180
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1180 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1180 Datasheet HTML 7Page - Allegro MicroSystems A1180 Datasheet HTML 8Page - Allegro MicroSystems A1180 Datasheet HTML 9Page - Allegro MicroSystems A1180 Datasheet HTML 10Page - Allegro MicroSystems A1180 Datasheet HTML 11Page - Allegro MicroSystems A1180 Datasheet HTML 12Page - Allegro MicroSystems A1180 Datasheet HTML 13Page - Allegro MicroSystems A1180 Datasheet HTML 14Page - Allegro MicroSystems A1180 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Sensitive Two-Wire Field-Programmable
Chopper-Stabilized Unipolar Hall Effect Switches
A1180, A1181,
A1182, and A1183
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
VPH
V+
t
VPM
VPL
0
Address 1
Address 2
Address n (
≤ 31)
Figure 8. Pulse sequence to select addresses
Falling edge of final BOP address digit
VPH
V+
t
VPM
VPL
0
Encode Lock Bit
Enable
Address
Blow
32 pulses
Figure 9. Pulse sequence to encode lock bit
Lock Bit Programming.
After the desired BOP calibration value
is programmed, and all of the corresponding bitfield-level fuses
are blown, the device-level fuse should be blown. To do so, the
lock bit (bitfield address 32) should be encoded as 1 and have
its fuse blown. This is done in the same manner as permanently
setting the other bitfields, as shown in figure 9.
Address Selection
.
After addressing mode is enabled, the
target bitfield address, is indicated by a series of VPM pulses, as
shown in figure 8.
Figure 7. Addressing mode enable pulse sequence
VPH
V+
t
VPM
VPL
0
Enabling Addressing Mode
.
The first segment of code is a
keying sequence used to enable the bitfield addressing mode. As
shown in figure 7, this segment consists of one short VPH pulse,
one VPM pulse, and one short VPH pulse, with no supply inter-
ruptions. This sequence is designed to prevent the device from
being programmed accidentally, such as by noise on the supply
line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com