| Electronic Components Datasheet Search |
|
A1180 Datasheet(PDF) 12 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A1180 Datasheet(HTML) 12 Page - Allegro MicroSystems |
|
12 / 15 page ![]() Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches A1180, A1181, A1182, and A1183 12 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com The pulse sequences consist of the following groups of pulses: 1. An enable sequence. 2. A bitfield address sequence. 3. When permanently setting the bitfield, a long VPH fuse-blow- ing pulse. (Note: Blown bit fuses cannot be reset.) 4. When permanently setting the bitfield, the level of VCC must be allowed to drop to zero between each pulse sequence, in order to clear all registers. However, when provisionally set- ting bitfields, VCC must be maintained at VPL between pulse sequences, in order to maintain the prior bitfield settings while preparing to set additional bitfields. Bitfields that are not set are evaluated as zeros. The bitfield-level fuses for 0 value bitfields are never blown. This prevents inad- vertently setting the bitfield to 1. Instead, blowing the device- level fuse protects the 0 bitfields from being accidentally set in the future. When provisionally trying the calibration value, one pulse sequence is used, using decimal values. The sequence for setting the value 510 is shown in figure 5. When permanently setting values, the bitfields must be set indi- vidually, and 510 must be programmed as binary 101. Bit 3 is set to 1 (0001002, which is 410), then bit 1 is set to 1 (0000012, which is 110). Bit 2 is ignored, and so remains 0.Two pulse sequences for permanently setting the calibration value 5 are shown in figure 6. The final VPH pulse is maintained for a longer period, enough to blow the corresponding bitfield-level fuse. VPH V+ t VPM VPL 0 Encode 001002 (410) Enable Address Address Blow Blow Enable Encode 000012 (110) Figure 6. Pulse sequence to permanently encode calibration value 5 (101 binary, or bitfield address 3 and bitfield address 1). VPH V+ t VPM VPL 0 Try 510 Enable Address Clear Optional Monitoring Figure 5. Pulse sequence to provisionally try calibration value 5. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |