Electronic Components Datasheet Search
  English  ▼

X  

A1180 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1180
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1180 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1180 Datasheet HTML 1Page - Allegro MicroSystems A1180 Datasheet HTML 2Page - Allegro MicroSystems A1180 Datasheet HTML 3Page - Allegro MicroSystems A1180 Datasheet HTML 4Page - Allegro MicroSystems A1180 Datasheet HTML 5Page - Allegro MicroSystems A1180 Datasheet HTML 6Page - Allegro MicroSystems A1180 Datasheet HTML 7Page - Allegro MicroSystems A1180 Datasheet HTML 8Page - Allegro MicroSystems A1180 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Sensitive Two-Wire Field-Programmable
Chopper-Stabilized Unipolar Hall Effect Switches
A1180, A1181,
A1182, and A1183
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Pb-free1
Packing2
Mounting
Ambient, TA
(°C)
Output
South (+) Field3
Supply Current at Low
Output, ICC(L) (mA)
A1182ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface mount
–40 to 85
Low
5 to 6.9
A1182EUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A1182LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface mount
–40 to 150
A1182LUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A1183ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface mount
–40 to 85
High
A1183EUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A1183LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface mount
–40 to 150
A1183LUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
1Pb-based variants are being phased out of the product line.
a. Certain variants cited in this footnote are in production but have been determined to be LAST TIME BUY. This classification indicates that sale of this device is cur-
rently restricted to existing customer applications. The device should not be purchased for new design applications because obsolescence in the near future is probable.
Samples are no longer available. Status change: October 31, 2006. Deadline for receipt of LAST TIME BUY ORDERS: April 27, 2007. These variants include: A1180EUA,
A1180LLHLT, A1180LUA, A1182ELHLT, A1182EUA, A1182LUA, A1183EUA, and A1183LLHLT.
b. Certain variants cited in this footnote are in production but have been determined to be NOT FOR NEW DESIGN. This classification indicates that sale of this device is
currently restricted to existing customer applications. The device should not be purchased for new design applications because obsolescence in the near future is probable.
Samples are no longer available. Status change: May 1, 2006. These variants include: A1180ELHLT, A1181ELHLT, A1181EUA, A1181LLHLT, A1181LUA , A1182LLHLT,
A1183ELHLT, and A1183LUA.
2Contact Allegro for additional packing options.
3South (+) magnetic fields must be of sufficient strength.
4The sensors listed in this footnote are available only in limited distribution. Interested customers should contact the appropriate sales person or field application engineer
for more information on availability. These variants include: A1180ELHLT-T, A1180EUA-T, A1180LLHLT-T, A1180LUA-T, A1181ELHLT-T, A1181EUA-T, A1181LLHLT-T, and
A1181LUA-T.
switches. Additionally, the system designer gains inherent diagnos-
tics because output current normally flows in either of two nar-
rowly-specified ranges. Any output current level outside of these
two ranges is a fault condition. The A1180-83 family of devices
also features on-chip transient protection, and a Zener clamp to
protect against overvoltage conditions on the supply line.
The output currents of the A1181 and A1183 switch HIGH in the
presence of a south polarity magnetic field of sufficient strength;
and switch LOW otherwise, including when there is no significant
magnetic field present. The A1180 and A1182 have inverted out-
put current levels: switching LOW in the presence of a south polar-
ity magnetic field of sufficient strength, and HIGH otherwise. The
devices also differ in their specified LOW current supply levels.
Both devices are offered in two package styles: LH, a SOT-23W
miniature low-profile package for surface-mount applications,
and UA, a three-lead ultramini Single Inline Package (SIP) for
through-hole mounting. Each package is available in a lead (Pb)
free version (suffix, –T) with 100% matte tin plated leadframe.
Factory-programmed versions are also available. Refer to: A1140,
A1141, A1142, A1143, A1145, and A1146.
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
28
V
Reverse Supply Voltage
VRCC
–18
V
Magnetic Flux Density
B
Unlimited
G
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com