Electronic Components Datasheet Search
  English  ▼

X  

SNL320 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNL320
Description  16-Bit LCD Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL320 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNL320 Datasheet HTML 3Page - SONiX Technology Company SNL320 Datasheet HTML 4Page - SONiX Technology Company SNL320 Datasheet HTML 5Page - SONiX Technology Company SNL320 Datasheet HTML 6Page - SONiX Technology Company SNL320 Datasheet HTML 7Page - SONiX Technology Company SNL320 Datasheet HTML 8Page - SONiX Technology Company SNL320 Datasheet HTML 9Page - SONiX Technology Company SNL320 Datasheet HTML 10Page - SONiX Technology Company SNL320 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SNL320
16-Bit LCD Controller
Symbol
Descriptions
No. of PIn
Pin Count
P3.0~P3.15
General I/O port P3.0~P3.15
P3.0: INT0
P3.1: INT1
P3.2: INT2 / IR output
P3.3: NCSB
P3.4: CLE
P3.5: ALE
P3.6: R/B\
P3.7: WPB
P3.8: CS3/EA23
P3.9: CS2
P3.10: CS1
P3.11: CS0
P3.12: LACD
P3.13: LCLK
P3.14: LP
P3.15: FP
16
109
P4.0~P4.3
General I/O port P4.0~P4.3
LCD data bus
4
113
4.
MEMORY
4.1
Internal ROM
SNL320 provides hi-compression algorithm to compress voice data in order to save
more memory size. So all the de-compression program are built in the internal ROM of
SNL320 and system will reserved some necessary ROM space for those
de-compression program automatically once user active the de-compression function.
There are totally 64K words of SNL320 internal ROM, user can built-in his own
program in the internal ROM for his application except necessary space for
de-compression program.
4.2
Internal RAM
The internal totally 9K words RAM will be separated into two parts, the SRAM regions
0xA000~0xAFFF and 0x0000~0x03FF are reserved for system and user’s application,
the SRAM regions 0xB000~0xBFFF is reserved for LCD display buffer. User has to
define the actual LCD display buffer region by set LBUFL (LCD display buffer register).
Ver: 1.2
6
July 22, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com