Electronic Components Datasheet Search
  English  ▼

X  

SNL320 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNL320
Description  16-Bit LCD Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL320 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNL320 Datasheet HTML 1Page - SONiX Technology Company SNL320 Datasheet HTML 2Page - SONiX Technology Company SNL320 Datasheet HTML 3Page - SONiX Technology Company SNL320 Datasheet HTML 4Page - SONiX Technology Company SNL320 Datasheet HTML 5Page - SONiX Technology Company SNL320 Datasheet HTML 6Page - SONiX Technology Company SNL320 Datasheet HTML 7Page - SONiX Technology Company SNL320 Datasheet HTML 8Page - SONiX Technology Company SNL320 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SNL320
16-Bit LCD Controller
AMENDENT HISTORY
Version
Date
Description
Ver 0.1
February 5, 2004
Preliminary spec first issue
Ver 0.2
March 6, 2004
Modify RAM size from 6KW -> 10KW in Page3
Ver 0.3
June 13, 2004
Modify Pin assignment
Modify RAM size from 10KW -> 11KW in Page3
Modify int. ROM size from 48KW->64KW in page3
Modify Pin assignments
Modify extension bus descriptions, add byte/word mode
connection
Add new section “Low Voltage Detector” and “Internal
Regulator”
Ver 0.4
July 28, 2004
Wording modification of pin assignment in Page 4
Ver 0.5
December 7, 2004
1.
Removed UART interface, added USB 1.1 interface
2.
Reduce internal RAM size from 11KW to 8KW (4KW
for general purpose, 4KW for LCD display buffer)
3.
LCD display only support 120x240 / 4 gray-level LCD
display. (LCD RAM: 0xB000~0xBFFF)
4.
Move general purpose SRAM address to
0xA000~0xAFFF
Ver 0.6
December 10, 2004
1. Page18 Correct word editing error on LCD RAM.
Ver 0.7
December 14, 2004
1. Page21~22 Correct word editing error on LCD RAM.
Ver 0.8
February 25, 2005
1.
Correct LCD RAM description on Page 6
2.
Modify interrupt sources of “Features”
3.
Modify pin assignment
4.
Added another 1K word SRAM (0x0000~0x03FF),
Page4, 6, 7
5.
Added pad information
Ver 1.0
May 30, 2005
1. Modify USB descriptions
Ver 1.1
June 29, 2005
1.
Added application circuit
2.
Correct some error editing on page9
3.
Correct the clock source option table (page8)
4.
Remove the RTC 0.125s option (page9)
5.
Replace PWM instead of Push-Pull DAC (page11)
Ver 1.2
July 22, 2005
1. Correct bonding pad information (P4.2)
Ver 1.3
July 25, 2005
1. Correct bonding pad information, pin 113 is “CKSEL”
and pin111 is “EDWS”
Ver: 1.4
3
April 18, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com