| Electronic Components Datasheet Search |
|
SNL320 Datasheet(PDF) 19 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNL320 Datasheet(HTML) 19 Page - SONiX Technology Company |
|
19 / 27 page ![]() SNL320 16-Bit LCD Controller ED0~ED7 I/O0~I/O7 RE\ WE\ CE\ ALE CLE R/B\ RD\ WR\ NCS\ ALE CLE R/B\ SNL320 NAND Flash WP\ WP\ 13. USB INTERFACE The SNL320 provides a USB 1.1 interface, user can download/upload data from/to PC through this USB interface. It is support control transfer and bulk transfer. SNL320 provides twin buffers for data or command transition and the buffer size of those twin buffers is 64bytes. 14. LCD INTERFACE 14.1 LCD Controller Interface (8-bit interface) The extension bus of SNL320 supports not only external memory device but also 8-bit 8080/6800 microprocessor interface for external LCD controller which already built-in LCD display RAM. User should enable extension bus before driving external LCD driver, and define the chip select pin you used to connect to LCD driver in EBC register. In 8-bit interface LCD controller, LCD display data is stored in LCD controller. Any change of LCD display is sent out to external LCD driver’s RAM by addressing different SRAM space. The interface emulates the 8080/6800-series interface to speed up the interface data moving processing. Figure-5 and Figure-6 are the timing diagrams between SNL320 and LCD controller by using 8-bit 8080/6800 interface. Ver: 1.2 18 July 22, 2005 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |