Electronic Components Datasheet Search
  English  ▼

X  

SNL320 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNL320
Description  16-Bit LCD Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL320 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNL320 Datasheet HTML 1Page - SONiX Technology Company SNL320 Datasheet HTML 2Page - SONiX Technology Company SNL320 Datasheet HTML 3Page - SONiX Technology Company SNL320 Datasheet HTML 4Page - SONiX Technology Company SNL320 Datasheet HTML 5Page - SONiX Technology Company SNL320 Datasheet HTML 6Page - SONiX Technology Company SNL320 Datasheet HTML 7Page - SONiX Technology Company SNL320 Datasheet HTML 8Page - SONiX Technology Company SNL320 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SNL320
16-Bit LCD Controller
1.
INTRODUCTION
The SNL320 is a high performance 16-bit DSP base processor with 16MIPS CPU power. The
internal 64K words hi-speed ROM already built-in a hi-performance software voice synthesizer
to provides lot of voice effects. Such as hi-decompression engine to support from 1.5kbps ~
29kbps compression rate for speech and music, multi-channel voice synthesizer to provides
8-channel wave-table melody, or support foreground 1.5kbps~29kbps and background
4-channel wave-table melody.
The standard microprocessor interface allows SNL320 to extend its memory capability, or
connect external device. We also built-in a Low Voltage Detector circuit for power
management and a USB 1.1 interface for communication with PC.
2.
FEATURES
♦
Power supply:
2.4V ~ 3.6V (for 2 batteries application)
3.6V ~ 5.1V (for 3 batteries application)
♦
Built-in regulator for DSP core
♦
Built-in 16-bit DSP core
♦
Software-based voice/melody processing
♦
Rich Function Instruction Set
♦
16 MIPS CPU performances under 16MHz
♦
Clock system
−
16MHz crystal or R-C type oscillator
for hi-speed system clock
−
32768HZ crystal oscillator for RTC
and low-speed system clock
♦
Extension bus
−
Standard Byte-mode and Word-Mode
bus interface
−
4 chip select pins for external devices
(such as ROM, Flash, SRAM..etc)
−
Maximum 128M-bit addressing
capability for signal external memory
device
♦
I/O Ports: 36 I/O pins (P1.0~P1.15,
P3.0~P3.15, P4.0~P4.3)
♦
ROM size: 64K*16 bits
♦
RAM size: 9k*16 bits (including LCD RAM)
−
5K*16 SRAM size for general purpose
−
4K*16 for LCD display buffer
♦
Three 8-bit timers with auto-reload function
♦
Programmable watchdog timer
♦
LCD control interface
−
Support 1-bit/4-bit LCD data bus for
external LCD driver
−
Share LCD display RAM with internal
SRAM, support 240x120 LCD display
screen
−
H/W support maximum 4 gray-level
LCD display
♦
Built-in 32768 crystal for Real Time Clock
♦
Two voice/melody channels or 4 channels
wave-table melody
♦
Built in Push-Pull direct drive circuit and
fixed current D/A output
♦
Sampling Rate: 4KHz ~16KHz
♦
Built-in software voice synthesizer for
multiple bit-rate solution
♦
USB 1.1 interface provided
♦
Low Voltage Detector
♦
Low Voltage Reset
♦
9 Interrupt Sources
−
5 internal interrupt (T0, T1, T2, RTC and USB)
−
3 external interrupt (P3.0~P3.2)
−
1 DA/Push-Pull output
Ver: 1.4
5
April 18, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com