Electronic Components Datasheet Search
  English  ▼

X  

TMUX9616 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX9616
Description  TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX9616 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 8Page - Texas Instruments TMUX9616 Datasheet HTML 9Page - Texas Instruments TMUX9616 Datasheet HTML 10Page - Texas Instruments TMUX9616 Datasheet HTML 11Page - Texas Instruments TMUX9616 Datasheet HTML 12Page - Texas Instruments TMUX9616 Datasheet HTML 13Page - Texas Instruments TMUX9616 Datasheet HTML 14Page - Texas Instruments TMUX9616 Datasheet HTML 15Page - Texas Instruments TMUX9616 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, VDD = 110 V, VSS = –110 V, and VLL = 3.3V (unless otherwise noted)
Frequency (MHz)
1
2
3
4 5 6 7 8 10
20
30 40 5060
60
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Figure 6-9. Large Signal Crosstalk vs Frequency
Frequency (Hz)
-7
-6
-5
-4
-3
-2
-1
100k
1M
10M
100M
1G
Bandwidth
Figure 6-10. Small Signal Insertion Loss vs Frequency
TMUX9616
SCDS436 – SEPTEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX9616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com