Electronic Components Datasheet Search
  English  ▼

X  

TMUX9616 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX9616
Description  TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX9616 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 14Page - Texas Instruments TMUX9616 Datasheet HTML 15Page - Texas Instruments TMUX9616 Datasheet HTML 16Page - Texas Instruments TMUX9616 Datasheet HTML 17Page - Texas Instruments TMUX9616 Datasheet HTML 18Page - Texas Instruments TMUX9616 Datasheet HTML 19Page - Texas Instruments TMUX9616 Datasheet HTML 20Page - Texas Instruments TMUX9616 Datasheet HTML 21Page - Texas Instruments TMUX9616 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
8.3.3 Device Digital Logic Control
The TMUX9616 is controlled by a SPI interface to a 16-bit shift register, and a CLR pin. The SPI interface can
run at speeds up to 72 MHz. It can also be run with 1.8 V – 5 V logic levels (set by logic supply VLL). The DIN
pin will take in the data for the 16-bit register, and CLK will take in the clock signal. Data is shifted in on the DIN
pin with the most-significant bit (MSB) first. After writing in 16 bits into the shift register using DIN and CLK, LE is
then used to latch the state of the switches in the shift register to change the state of the switches in analog. The
switches go to a state of retaining their present state on the rising edge of the LE pin. When LE is high, updates
to the shift register does not change the condition of the 16 switches until LE is made low again. When LE is low,
the shift register data flows through the latch and the condition of the 16 switches will be changed as the shift
register is updated.
TMUX9616 16-bit shift register can be used in daisy chain mode. This is done by connecting the DOUT pin
of the first TMUX9616 device to the DIN pin of the next TMUX9616 device in the chain. All TMUX9616 in the
daisy chain will share the same source CLK signal (the CLK pin of each device in the daisy chain will be shorted
together). DOUT is the data output pin of the 16th bit of the shift register, which is the data on DIN clock shifted
by 16 clock cycles. The LE pin of each device in the chain will be shorted together, using the same LE source.
Assuming N number of TMUX9616 devices in the daisy chain, the standard method of writing to the shift
registers is to write 16 * N bits of data, corresponding to each switch in the daisy chain, with LE set high. Once
all 16 * N bits are written into the shift register, LE is pulsed low for at least tWLE to update the condition of the
16 * N switches in the daisy chain to the new state recorded in the shift register. Then LE is set high again so
that the state of the switches will not change until the next 16 * N bits are written into the shift register (and LE is
pulsed low again following the 16 * N bit write).
The CLR pin, when asserted high, causes all the 16 switches in TMUX9616 to turn OFF, regardless of the state
of the bits in the 16-bit shift register. When the CLR pin asserted low, the switches will then use the shift register
again to set its values.
For more details on programming the shift register and the logic state of each switch, see the Device Logic
Table section. For more details of programming the shift register with the correct digital timings, see the Timing
Diagrams section and the Digital Timings table. For more details on the maximum speeds obtainable in daisy
chain mode depending on device configuration, see the Switching Characteristics table. Figure 8-1 shows more
details on how to connect the TMUX9616 device's in daisy chain mode.
DIN
CLK
DOUT
Sx
Dx
CMOS SPI
Pulsar
PZT
DOUT
Sx
Dx
Pulsar
PZT
DOUT
Sx
Dx
Pulsar
PZT
N.C.
Pulsar w/
TR Switch
Central
FPGA
Digital
Power
Supply
VLL
CMOS SPI
System/Console
Probe Head
Probe
Cable
Probe
Connector
CMOS SPI
CMOS SPI
/LE
DIN
CLK
/LE
DIN
CLK
/LE
Figure 8-1. Daisy Chain System Block Diagram
TMUX9616
SCDS436 – SEPTEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX9616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com