Electronic Components Datasheet Search
  English  ▼

X  

TMUX9616 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX9616
Description  TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX9616 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 15Page - Texas Instruments TMUX9616 Datasheet HTML 16Page - Texas Instruments TMUX9616 Datasheet HTML 17Page - Texas Instruments TMUX9616 Datasheet HTML 18Page - Texas Instruments TMUX9616 Datasheet HTML 19Page - Texas Instruments TMUX9616 Datasheet HTML 20Page - Texas Instruments TMUX9616 Datasheet HTML 21Page - Texas Instruments TMUX9616 Datasheet HTML 22Page - Texas Instruments TMUX9616 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
8.3.4 Latch-Up Immunity by Device Construction
Latch-up is a condition where a low impedance path is created between a supply pin and ground. This condition
is caused by a trigger (current injection or overvoltage), but once activated, the low impedance path remains
even after the trigger is no longer present. This low impedance path may cause system upset or catastrophic
damage due to excessive current levels. The latch-up condition typically requires a power cycle to eliminate the
low impedance path.
The TMUX9616 is constructed on silicon on insulator (SOI) based process where an oxide layer is added
between the PMOS and NMOS transistor of each CMOS switch to prevent parasitic structures from forming. The
oxide layer is also known as an insulating trench and prevents triggering of latch up events due to overvoltage,
fast voltage slew rates, and current injections. The latch-up immunity feature allows the TMUX9616 to be used in
harsh environments. For more information on latch-up immunity, refer to Using Latch Up Immune Multiplexers to
Help Improve System Reliability.
8.4 Device Functional Modes
8.4.1 Normal Mode
In normal mode operation, TMUX9616 is controlled by its digital logic, which is detailed in the Device Digital
Logic Control section. In normal mode, switches are available to be used to pass high voltage ±110 V signals
(signals from VSS to VDD). More details of the device operation in normal mode can be found in the Feature
Description and Device Logic Table sections.
8.4.2 Device Power Up
TMUX9616 will be powered up once VLL, VDD, and VSS reach their final voltage. VLL, VDD, and VSS can be
powered up in any order (there is no power sequencing requirement). The device digital logic control will not
receive updates until both VLL, VDD, and VSS are powered up. Additionally, after VLL, VDD, and VSS are powered
up, the system FPGA or controller should wait at least 500 μs until writing to the device digital logic control. For
more details on the device digital logic control, see the Device Digital Logic Control section.
On power-up, all 16 switches in TMUX9616 will be in the OFF state.
8.5 Device Logic Table
Table 8-1. Device Logic Table(1)(2)(3)(4)(5)(6)(7)
Inputs
Outputs
D0
D1
...
D15
LE
CLR
SW0
SW1
...
SW15
0
—
...
—
L
L
OFF
—
...
—
1
—
—
L
L
ON
—
—
—
0
—
L
L
—
OFF
—
—
1
—
L
L
—
ON
—
—
—
—
L
L
—
—
—
—
—
—
L
L
—
—
—
—
—
0
L
L
—
—
OFF
—
—
1
L
L
—
—
ON
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
H
OFF
OFF
OFF
OFF
(1)
All 16 switches operate independently.
(2)
Serial data is clocked in on the rising edge of CLK. Data is shifted in on the DIN pin with the most-significant bit (MSB) first.
(3)
The switches go to a state of retaining their present state on the rising edge of the LE pin. Once the LE pin is high, updates to the shift
register no longer change the condition of the 16 switches until the LE pin is made low again. When the LE is low, the shift register
data flows through the latch.
(4)
Shift register clocking has no effect on the switch states if the LE pin is high.
(5)
DOUT is the data output pin of the 16 bit shift register for daisy chaining multiple muxes together. It is the data of the DIN clock shifted
by the 16 clock cycles.
(6)
The CLR input overrides all other inputs.
(7)
While LE = H or CLR = H, if the CLK pin still receiving a valid clock signal, DIN will still function and input data into the shift register,
and DOUT will still output the contents on the shift register. However, while LE = H or CLR = H, the state of the analog switches is no
longer dependent on the contents of the shift register, but rather takes the state per this logic table.
www.ti.com
TMUX9616
SCDS436 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX9616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com