Electronic Components Datasheet Search
  English  ▼

X  

TMUX9616 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX9616
Description  TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX9616 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 19Page - Texas Instruments TMUX9616 Datasheet HTML 20Page - Texas Instruments TMUX9616 Datasheet HTML 21Page - Texas Instruments TMUX9616 Datasheet HTML 22Page - Texas Instruments TMUX9616 Datasheet HTML 23Page - Texas Instruments TMUX9616 Datasheet HTML 24Page - Texas Instruments TMUX9616 Datasheet HTML 25Page - Texas Instruments TMUX9616 Datasheet HTML 26Page - Texas Instruments TMUX9616 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Frequency (MHz)
0
2
4
6
8
10
12
14 15
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
HD2PC: 60dBc
HD1PC: 63dBc
FFT of Normal Output
FFT of Sum Waveform
.
Figure 9-8. Pulser Only, Mux Input Side, ±60 V
Pulser Supplies, 5 MHz, 5 Cycles, 100 Ω || 100 pF
Load
Frequency (MHz)
0
2
4
6
8
10
12
14 15
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
HD2PC: 65dBc
HD1PC: 68dBc
FFT of Normal Output
FFT of Sum Waveform
.
Figure 9-9. Pulser + TMUX9616, Mux Input Side,
±60 V Pulser Supplies, 5 MHz, 5 Cycles, 100 Ω ||
100 pF Load
.
Figure 9-10. Pulser Only, Mux Output Side, ±60 V
Pulser Supplies, 5 MHz, 5 Cycles, 100 Ω || 100 pF
Load
Time (
s)
0.5
0.7
0.9
1.1
1.3
1.5
1.7 1.8
-150
-10
-100
0
-50
10
0
20
50
30
100
40
150
50
Normal Output
Inverted Output
Sum Waveform
.
Figure 9-11. Pulser + TMUX9616, Mux Output Side,
±60 V Pulser Supplies, 5 MHz, 5 Cycles, 100 Ω ||
100 pF Load
Frequency (MHz)
0
2
4
6
8
10
12
14 15
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
HD2PC: 56dBc
HD1PC: 60dBc
FFT of Normal Output
FFT of Sum Waveform
.
Figure 9-12. Pulser Only, Mux Output Side, ±60 V
Pulser Supplies, 5 MHz, 5 Cycles, 100 Ω || 100 pF
Load
Frequency (MHz)
0
2
4
6
8
10
12
14 15
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
HD2PC: 64dBc
HD1PC: 54dBc
FFT of Normal Output
FFT of Sum Waveform
.
Figure 9-13. Pulser + TMUX9616, Mux Output Side,
±60 V Pulser Supplies, 5 MHz, 5 Cycles, 100 Ω ||
100 pF Load
www.ti.com
TMUX9616
SCDS436 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX9616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com