Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8129
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 4 Page - Analog Devices

  AD8129 Datasheet HTML 1Page - Analog Devices AD8129 Datasheet HTML 2Page - Analog Devices AD8129 Datasheet HTML 3Page - Analog Devices AD8129 Datasheet HTML 4Page - Analog Devices AD8129 Datasheet HTML 5Page - Analog Devices AD8129 Datasheet HTML 6Page - Analog Devices AD8129 Datasheet HTML 7Page - Analog Devices AD8129 Datasheet HTML 8Page - Analog Devices AD8129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD8129/AD8130
Rev. C | Page 4 of 40
Model
AD8129
AD8130
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DC PERFORMANCE
Closed-Loop Gain Error
VOUT = ±1 V, RL ≥ 150 Ω
±0.25
±1.25
±0.1
±0.6
%
TMIN to TMAX
20
20
ppm/°C
Open-Loop Gain
VOUT = ±1 V
86
71
dB
Gain Nonlinearity
VOUT = ±1 V
250
200
ppm
Input Offset Voltage
0.2
0.8
0.4
1.8
mV
TMIN to TMAX
2
20
μV/°C
TMIN to TMAX
1.4
3.5
mV
Input Offset Voltage vs.
Supply
+VS = 5 V, −VS = −0.5 V
to +0.5 V
−88
−80
−74
−70
dB
−VS = 0 V, +VS = +4.5 V
to +5.5 V
−100
−86
−90
−76
dB
Input Bias Current
(+IN, −IN)
±0.5
±2
±0.5
±2
μA
Input Bias Current
(REF, FB)
±1
±3.5
±1
±3.5
μA
TMIN to TMAX (+IN, −IN,
REF, FB)
5
5
nA/°C
Input Offset Current
(+IN, −IN, REF, FB)
±0.08
±0.4
±0.08
±0.4
μA
TMIN to TMAX
0.2
0.2
nA/°C
OUTPUT PERFORMANCE
Voltage Swing
RLOAD ≥ 150 Ω
1.1
3.9
1.1
3.9
V
Output Current
35
35
mA
Short-Circuit Current
To common
−60/+55
−60/+55
mA
TMIN to TMAX
−240
−240
μA/°C
Output Impedance
PD ≤ VIL, in power-
down mode
10
10
pF
POWER SUPPLY
Operating Voltage Range
Total supply voltage
±2.25
±12.6
±2.25
±12.6
V
Quiescent Supply Current
9.9
10.6
9.9
10.6
mA
TMIN to TMAX
33
33
μA/°C
PD ≤ VIL
0.65
0.85
0.65
0.85
mA
PD ≤ VIL, TMIN to TMAX
1
1
mA
PD PIN
VIH
+VS − 1.5
+VS − 1.5
V
VIL
+VS − 2.5
+VS − 2.5
V
IIH
PD = min VIH
−30
−30
μA
IIL
PD = max VIL
−50
−50
μA
Input Resistance
PD ≤ +VS − 3 V
12.5
12.5
kΩ
PD ≥ +VS − 2 V
100
100
kΩ
Enable Time
0.5
0.5
μs
OPERATING TEMPERATURE
RANGE
−40
+125
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com