Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8129
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8129 Datasheet HTML 8Page - Analog Devices AD8129 Datasheet HTML 9Page - Analog Devices AD8129 Datasheet HTML 10Page - Analog Devices AD8129 Datasheet HTML 11Page - Analog Devices AD8129 Datasheet HTML 12Page - Analog Devices AD8129 Datasheet HTML 13Page - Analog Devices AD8129 Datasheet HTML 14Page - Analog Devices AD8129 Datasheet HTML 15Page - Analog Devices AD8129 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD8129/AD8130
Rev. C | Page 12 of 40
FREQUENCY (MHz)
3
1
300
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
VS = ±2.5V
VS =±12V
VS =±5V
G= +2
RL = 150Ω
FREQUENCY (MHz)
3
1
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
0.1
VS = ±2.5V
RL = 150Ω
VS = ±5V, ±12V
G = +10
G = +5
VS = ±5V, ±12V
Figure 17. AD8130 Frequency Response vs. Supply,
G = +2, RL = 150 Ω
Figure 20. AD8130 Frequency Response vs. Supply,
G = +5, G = +10, RL = 150 Ω
FREQUENCY (MHz)
0.3
0.1
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
110
FREQUENCY (MHz)
12
10
6
0
–6
–12
–18
–24
–30
–36
–42
–48
100
400
0dB = 1V rms
VS = ±5V
30
VOUT = 2V p-p
VS = ±2.5V
VS = ±12V
VS = ±5V
VS = ±5V, ±12V
VS = ±2.5V
G = +10
G = +5
Figure 18. AD8130 Fine Scale Response vs. Supply,
G = +5, G = +10, VOUT = 2 V p-p
Figure 21. AD8130 Frequency Response for Various Output Levels
FREQUENCY (MHz)
3
1
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
0.1
VOUT = 2V p-p
VS = ±12V
VS = ±5V, ±12V
VS = ±2.5V
G = +10
G = +5
1
8
4
5
6
TEK P6245
FET PROBE
RL
CL
RG
RF
50
Ω
G
1
2
5
10
RF
0
Ω
499
Ω
8.06k
Ω
4.99k
Ω
RG
–
499
Ω
2k
Ω
549
Ω
Figure 19. AD8130 Frequency Response vs. Supply,
G = +5, G = +10, VOUT = 2 V p-p
Figure 22. AD8130 Basic Frequency Response Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com