Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8129
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8129 Datasheet HTML 19Page - Analog Devices AD8129 Datasheet HTML 20Page - Analog Devices AD8129 Datasheet HTML 21Page - Analog Devices AD8129 Datasheet HTML 22Page - Analog Devices AD8129 Datasheet HTML 23Page - Analog Devices AD8129 Datasheet HTML 24Page - Analog Devices AD8129 Datasheet HTML 25Page - Analog Devices AD8129 Datasheet HTML 26Page - Analog Devices AD8129 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD8129/AD8130
Rev. C | Page 23 of 40
AD8130 TRANSIENT RESPONSE CHARACTERISTICS
G = +1, RL = 1 kΩ, CL = 2 pF, VS = ±5 V, TA = 25°C, unless otherwise noted.
5.00ns
250mV
VOUT = 1V p-p
VS = ±2.5V
Figure 77. AD8130 Transient Response, VS = ±2.5 V, VOUT = 1 V p-p
5.00ns
250mV
VOUT = 1V p-p
VS = ±5V
Figure 78. AD8130 Transient Response, VS = ±5 V, VOUT = 1 V p-p
5.00ns
250mV
VOUT = 1V p-p
VS = ±12V
Figure 79. AD8130 Transient Response, VS = ±12 V, VOUT = 1 V p-p
5.00ns
50mV
VOUT = 0.2V p-p
VS = ±2.5V
VS = ±12V
VS = ±5V
Figure 80. AD8130 Transient Response vs. Supply, VOUT = 0.2 V p-p
VOUT = 1V p-p
CL = 5pF
VS = ±2.5V
VS = ±5V
VS = ±12V
5.00ns
250mV
Figure 81. AD8130 Transient Response vs. Supply, VOUT = 1 V p-p, CL = 5 pF
5.00ns
500mV
VS = ±2.5V
VS = ±12V
VS = ±5V
VOUT = 2V p-p
CL = 5pF
Figure 82. AD8130 Transient Response vs. Supply, VOUT = 2 V p-p, CL = 5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com