Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8129
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8129 Datasheet HTML 15Page - Analog Devices AD8129 Datasheet HTML 16Page - Analog Devices AD8129 Datasheet HTML 17Page - Analog Devices AD8129 Datasheet HTML 18Page - Analog Devices AD8129 Datasheet HTML 19Page - Analog Devices AD8129 Datasheet HTML 20Page - Analog Devices AD8129 Datasheet HTML 21Page - Analog Devices AD8129 Datasheet HTML 22Page - Analog Devices AD8129 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD8129/AD8130
Rev. C | Page 19 of 40
FREQUENCY (MHz)
1
–44
–50
–56
–62
–68
–74
–80
10
40
VS = ±2.5V
G = +20
G = +10
VOUT = 1V p-p
VOUT = 2V p-p
Figure 56. AD8129 Second Harmonic Distortion vs. Frequency
FREQUENCY (MHz)
1
–42
–48
–54
–60
–66
–72
–78
–84
10
40
VS = ±2.5V
–90
G = +20
G = +10
VOUT = 1V p-p
VOUT = 2V p-p
Figure 57. AD8129 Third Harmonic Distortion vs. Frequency
VOUT (V p-p)
–50
0
–56
–62
–68
–74
–80
–86
0.5
1.0
1.5
2.0
2.5
3.0
VS = ±2.5V
fC = 5MHz
G = +10
HD3
G = +20
HD3
G = +10
HD2
G = +20
HD2
Figure 58. AD8129 Harmonic Distortion vs. Output Voltage
–87
–81
–75
–69
–63
–57
VCM (V)
–51
–45
–39
–5
–4
–3
–2
–1
0
1
2
34
5
HD2
HD3
G = +1
VOUT = 2V p-p
VS = ±5V
RL = 1kΩ
fC = 5MHz
Figure 59. AD8130 Harmonic Distortion vs. Common-Mode Voltage
–97
–91
–85
–79
–73
–67
RL (Ω)
–61
100
1k
G = +1
fC = 5MHz
VOUT = 1V p-p
VS = ±5V
VS = ±2.5V
HD2
HD3
VS = ±12V
HD3
HD3
VS = ±5V, ±12V
HD2
VS = ±2.5V
Figure 60. AD8130 Harmonic Distortion vs. Load Resistance
–86
–80
–74
–68
–62
–56
RL (Ω)
–50
100
1k
G = +1
fC = 5MHz
VOUT = 2V p-p
HD2
VS = ±2.5V
VS = ±5V, ±12V
HD2
VS = ±2.5V
HD3
VS = ±5V, ±12V
HD3
Figure 61. AD8130 Harmonic Distortion vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com