Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8129
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8129 Datasheet HTML 16Page - Analog Devices AD8129 Datasheet HTML 17Page - Analog Devices AD8129 Datasheet HTML 18Page - Analog Devices AD8129 Datasheet HTML 19Page - Analog Devices AD8129 Datasheet HTML 20Page - Analog Devices AD8129 Datasheet HTML 21Page - Analog Devices AD8129 Datasheet HTML 22Page - Analog Devices AD8129 Datasheet HTML 23Page - Analog Devices AD8129 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD8129/AD8130
Rev. C | Page 20 of 40
–78
–72
–66
–60
–54
–48
VCM (V)
–42
–36
–5
–4
–3
–2
–1
0
1
2
3
4
5
HD3
HD2
G = +10
VOUT = 2V p-p
VS = ±5V
RL = 1kΩ
fC = 5MHz
Figure 62. AD8129 Harmonic Distortion vs. Common-Mode Voltage
–90
–84
–78
–72
–68
–60
RL (Ω)
–54
100
1k
HD3
VS = ±2.5V
–48
G = +10
fC = 5MHz
VOUT = 1V p-p
VS = ±2.5V
VS = ±12V
VS = ±12V
VS = ±5V
VS = ±5V
HD2
Figure 63. AD8129 Harmonic Distortion vs. Load Resistance
–80
–74
–68
–62
–56
–50
RL (Ω)
–44
100
1k
HD3
G = +10
fC = 5MHz
VOUT = 2V p-p
VS = ±2.5V
VS = ±12V
VS = ±5V
VS = ±2.5V
VS = ±12V
VS = ±5V
Figure 64. AD8129 Harmonic Distortion vs. Load Resistance
VCM
200
Ω
1:2
1
2
10
20
RF
GRG
0
Ω
499
Ω
2k
Ω
2k
Ω
–
499
Ω
221
Ω
105
Ω
MINI-CIRCUITS®:
# T4-6T,
fC ≤ 10MHz
# TC4-1W,
fC > 10MHz
RG
RF
RL
RL
CL
Figure 65. AD8129/AD8130 Basic Distortion Test Circuit,
VCM = 0 V, Unless Otherwise Noted
0.1
1.0
10
FREQUENCY (Hz)
100
10
100k
100
1k
10k
1M
10M
Figure 66. AD8129/AD8130 Input Current Noise vs. Frequency
1
10
FREQUENCY (Hz)
100
10
100k
100
1k
10k
1M
10M
AD8130
AD8129
Figure 67. AD8129/AD8130 Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com