Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8352 Datasheet HTML 7Page - Analog Devices AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8352
Rev. A | Page 11 of 20
APPLICATIONS
GAIN AND DISTORTION ADJUSTMENT
(DIFFERENTIAL INPUT)
Table 5 and Table 6 show the required value of RG for the gains
specified at 200 Ω and 1 kΩ loads. Figure 22 and Figure 24 plot
gain vs. RG up to 18 dB for both load conditions. For other
output loads (RL), use Equation 1 to compute gain vs. RG.
L
L
G
G
ial
VDifferent
R
R
R
R
A
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
+
+
+
=
430
)
53
(
)
5
(
500
(1)
where:
RL = single-ended load.
RG = gain setting resistor.
The third-order harmonic distortion can be reduced by using
external components RD and CD. Table 5 and Table 6 show the
required values for RD and CD for the specified gains to achieve
(single tone) third-order distortion reduction at 180 MHz.
Figure 23 and Figure 25 show any gain (up to 18 dB) vs. CD for
200 Ω and 1 kΩ loads, respectively. When these values are
selected, they result in minimum single tone, third-order
distortion at 180 MHz. This frequency point provides the best
overall broadband distortion for the specified frequencies below
and above this value. For applications above approximately
300 MHz, CD and RD are not required. See the Specifications
section and third-order harmonic plots in the Typical
Performance Characteristics section for more details.
CD can be further optimized for narrow-band tuning require-
ments below 180 MHz that result in relatively lower third-order
(in-band) intermodulation distortion terms. See the Narrow-
Band, Third-Order Intermodulation Cancellation section for
more information. Though not shown, single tone, third-order
optimization can also be improved for narrow-band frequency
applications below 180 MHz with the proper selection of CD,
and 3 dB to 6 dB of relative third-order improvement can be
realized at frequencies below approximately 140 MHz.
Using the information listed in Table 5 and Table 6, an extrapolated
value for RD can be determined for loads between 200 Ω and 1 kΩ.
For loads above 1 kΩ, use the 1 kΩ RD values listed in Table 6.
Table 5. Broadband Selection of RG, CD, and RD: 200 Ω Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
3
390
Open
6.8
6
220
Open
4.3
9
140
0.1
4.3
10
115
0.2
4.3
12
86
0.3
4.3
15
56
0.6
4.3
18
35
1
4.3
Table 6. Broadband Selection of RG, CD, and RD: 1 kΩ Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
3
750
Open
6.8
6
360
Open
6.8
9
210
Open
6.8
10
180
0.05
6.8
12
130
0.1
6.8
15
82
0.3
6.8
18
54
0.5
6.8
20
0
0
400
RG (Ω)
18
16
14
12
10
8
6
4
2
100
200
300
50
150
250
350
Figure 22. Gain vs. RG, RL = 200 Ω
20
0
0
CD (pF)
18
16
14
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
Figure 23. Gain vs. CD, RL = 200 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com